Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PS76SB10TR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1PS76SB10TR
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1PS76SB10TR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1PS76SB10TR Datasheet HTML 1Page - List of Unclassifed Manufacturers 1PS76SB10TR Datasheet HTML 2Page - List of Unclassifed Manufacturers 1PS76SB10TR Datasheet HTML 3Page - List of Unclassifed Manufacturers 1PS76SB10TR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Philips Semiconductors
Product specification
Schottky barrier diode
1PS76SB10
FEATURES
• Low forward voltage
• Guard ring protected
• Very small plastic SMD package.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes.
DESCRIPTION
Planar Schottky barrier diode encapsulated in a SOD323
very small plastic SMD package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1 Simplified outline (SOD323) and symbol.
Marking code: S0.
The marking bar indicates the cathode.
olumns
12
MGU328
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
1PS76SB10
plastic surface mounted package; 2 leads
SOD323
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
30
V
IF
continuous forward current
200
mA
IFRM
repetitive peak forward current
tp ≤ 1s; δ≤ 0.5
300
mA
IFSM
non-repetitive peak forward current
tp <10ms
600
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C
Tamb
operating ambient temperature
−65
+125
°C


Similar Part No. - 1PS76SB10TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS76SB10 PHILIPS-1PS76SB10 Datasheet
29Kb / 5P
   Schottky barrier diode
1996 Oct 14
logo
Guangdong Kexin Industr...
1PS76SB10 KEXIN-1PS76SB10 Datasheet
34Kb / 1P
   Schottky barrier diode
logo
Nexperia B.V. All right...
1PS76SB10 NEXPERIA-1PS76SB10 Datasheet
196Kb / 10P
   Schottky barrier diode
1 July 2022
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
More results

Similar Description - 1PS76SB10TR

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com