Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR70H Datasheet(PDF) 1 Page - C&D Technologies

Part # PWR70H
Description  DC/DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR70H Datasheet(HTML) 1 Page - C&D Technologies

  PWR70H Datasheet HTML 1Page - C&D Technologies PWR70H Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOW COST, HIGH ISOLATION
Six-sided shielding suppresses electromagnetic radia-
tion which could disturb sensitive analog measure-
ments or interfere with system timing signals. Input
filtering minimizes reflected ripple current. Output
ripple voltage and switching transients are reduced
by filtering the PWR70 outputs.
The PWR70 is tested in compliance with UL544,
VDE750, and CSA C22.2 dielectric withstand volt-
age requirements.
NOTES: All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
WEIGHT: 15gm (0.53oz)
Marked with: specific model ordered, date code, job
code.
MATERIAL: Units are encapsulated in a low thermal
resistance molding compound which has excellent
chemical resistance, wide operating temperature
range, and good electrical properties under high
humidity environments. Lead material is brass with a
solder plated surface to allow ease of solderability.
FEATURES
TESTED IN COMPLIANCE WITH UL544
OUTPUT POWER TO 3W
HIGH ISOLATION VOLTAGE: 2000VDC
SIX-SIDED SHIELDING
INPUT AND OUTPUT FILTERING
LOW PROFILE PACKAGE: 0.4" High
DESCRIPTION
The PWR70 is a dual-output DC/DC converter de-
signed for general purpose power conversion applica-
tions where high efficiency is more important than
load regulation.
The PWR70 provides a plus and minus output volt-
age approximately equal to the input voltage magni-
tude. It operates over an input voltage range of
10VDC to 18VDC. Isolation voltage is a minimum of
2000VDC.
PWR70 SERIES
3 WATTS
UNREGULATED
DC/DC CONVERTERS
APPLICATIONS
POWER FOR DATA ACQUISITION, OP
AMPS, ETC.
PROCESS CONTROL
PORTABLE EQUIPMENT
TEST EQUIPMENT
MECHANICAL
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - PWR70H

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR70 MURATA-PS-PWR70 Datasheet
122Kb / 2P
   3 WATTS UNREGULATED
logo
C&D Technologies
PWR7000 CANDD-PWR7000 Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
PWR7000AC CANDD-PWR7000AC Datasheet
200Kb / 3P
   5 WATTS REGULATED DC/DC CONVERTER
PWR7004AC CANDD-PWR7004AC Datasheet
200Kb / 3P
   5 WATTS REGULATED DC/DC CONVERTER
PWR7005 CANDD-PWR7005 Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
More results

Similar Description - PWR70H

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com