Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR4000 Datasheet(PDF) 4 Page - C&D Technologies

Part # PWR4000
Description  SERIES DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR4000 Datasheet(HTML) 4 Page - C&D Technologies

  PWR4000 Datasheet HTML 1Page - C&D Technologies PWR4000 Datasheet HTML 2Page - C&D Technologies PWR4000 Datasheet HTML 3Page - C&D Technologies PWR4000 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PWR40XX 5/2001 REV E
Page 4
OUTPUT POWER
The PWR40XX series was designed to meet power require-
ments up to 4W. Due to the nature of unregulated power
supplies, a higher-than-rated output voltage will result when
less-than-rated power is used (see Typical Performance
Curves). This series has been designed to run from no load
to 4W without derating up to +70°C.
UNBALANCEDLOADS
Unbalanced loads may be used on dual output models with
each side sourcing up to 200mA as long as the total power
out is not more than 4W. With an unbalanced load, the output
voltages will track within 5% of each other.
OUTPUT NOISE
The output noise can be reduced to less than 50mVp-p by
adding a low ESR 10µf tantalum capacitor across each
output.
TYPICAL PERFORMANCE CURVES
T
A = +25
°C, rated input voltage, rated output current unless otherwise noted.
APPLICATION NOTES
SHORT CIRCUIT PROTECTION
To maintain low cost, the PWR40XX Series provides limited
short-circuit protection. To protect against continuous short
circuits, a fuse is required. It is recommended that the fuse
be placed in series with the input of the converter. The
required I2 t will vary with input voltage.
Input Voltage
Littlefuse© Part Number
5V
229.015
12V
229.500
15V
229.375
24V
229.250
TABLE I. Recommended Fuses (or Equivalent).
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be accurate as indicated herein, C&D
Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or completeness of such information. Further, because the product(s) featured herein
may be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or
in any specific application or arising from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and in
user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
C&D Technologies, (NCL)
Tanners Drive
Blakelands North
Milton Keynes MK14 5BU UK
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545


Similar Part No. - PWR4000

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR4000C MURATA-PS-PWR4000C Datasheet
124Kb / 4P
   DC/DC CONVERTER
More results

Similar Description - PWR4000

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
   ML65 Series DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
   JHL03 Series DC-DC Converter
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
   JHL06 Series DC-DC Converter
ITX0503SA XPPOWER-ITX0503SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
logo
List of Unclassifed Man...
VBD20 ETC1-VBD20 Datasheet
134Kb / 2P
   VBD20 Series DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com