Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AATIAN63 Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # AATIAN63
Description  High Current High Efficiency Charge Pump
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN63 Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  AATIAN63 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN63 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN63 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN63 Datasheet HTML 4Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Getting Started
In most cases, the board ships mounted onto a battery pack. The battery pack holds three AAA size, conven-
tional alkaline batteries. When no battery pack is present, external power can be applied to the DC+ and DC-
terminals.
A jumper labeled J1 is inline with the battery supply terminal DC+ for connecting/disconnecting power. To apply
power to the board, connect the supply by jumpering ON, MCU. The red LED7 should illuminate, indicating that
power has been connected. There is an additional jumper labeled J2 that provides access to the EN/SET pin of
the AAT3174. Ensure that ON SRL is also jumpered so that the microcontroller is connected to the EN/SET pin.
The user interface is provided by three buttons: DATA, FLASH, and MOVIE. The modes of operation are detailed
in Table 1. The FLASH button generates a flash pulse. By default, the FLASH button generates a pulse at full
current. The MOVIE button toggles on/off movie mode illumination. The DATA button is used to set different cur-
rent levels. When the DATA button is held down, the MCU will auto-cycle through the available brightness level
settings after a short delay. Some functions require that multiple buttons are pressed and released together.
User Interface Functionality
Table 1: User Interface Functionality.
Button(s) Pushed1
Description
DATA
Increments through the 16 data settings. Hold down to auto-cycle (does not
turn LED on, just sets data).
FLASH2
Generate flash pulse. Current level determined by the DATA setting (defaults
to DATA 1). Trim-pot VR4 sets duration.
MOVIE
Toggle on/off movie mode illumination. Current level determined by the DATA
setting. Leave on to see effects of changing DATA.
DATA + FLASH + MOVIE
Reset, shutdown.
EV-128
AAT3174 EVAL: High Current,
High Efficiency Charge Pump
2
EV-128.2006.04.1.0
1 The '+' sign indicates that these buttons are all pressed and released together
2. Flash pulse duration is adjustable from 10ms to 2 seconds. Rotate trim-pot VR4 clockwise to reduce the duration.


Similar Part No. - AATIAN63

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
   High Current LED Flash Driver Charge Pump IC
AATIAN64 SIGE-AATIAN64 Datasheet
85Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
AATIAN69 SIGE-AATIAN69 Datasheet
1Mb / 4P
   Low-Cost, 2/3-Channel Charge-Pump LED Drivers
More results

Similar Description - AATIAN63

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3174 ANALOGICTECH-AAT3174 Datasheet
272Kb / 14P
   High Current, High Efficiency Charge Pump
AAT3177 ANALOGICTECH-AAT3177 Datasheet
776Kb / 16P
   High Current, High Efficiency Charge Pump with Auto-Timer
AAT3171 ANALOGICTECH-AAT3171 Datasheet
393Kb / 19P
   High Current, High Efficiency Charge Pump with Auto-Timer
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com