Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AATIAN60 Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # AATIAN60
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN60 Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  AATIAN60 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN60 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN60 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN60 Datasheet HTML 4Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV-118
AAT3152 EVAL: High Efficiency 1X/1.5X/2X
Charge Pump For White LED Applications
Introduction
The AAT3152 EVAL board demonstrates the functionality of the AAT3152 and its application as a white LED
backlight driver. The AAT3152 is a low-noise, constant frequency charge pump DC/DC converter with tri-mode
load switch (1X), fractional (1.5X), and doubling (2X) conversion to maximize efficiency and operate over a
wide input voltage range.
The AAT3152 is programmable with the S
2Cwire™ (Simple Serial Control™) serial interface and is capable of
driving up to four independent LED channels. Main/sub control is available with eight constant current level
settings from 20mA down to 50µA.
This document describes the evaluation board and its accompanying user interface. In addition, a brief Getting
Started section is included to help the user begin operating the evaluation board. A schematic of the complete
circuit is shown in Figure 1, and the actual board layout is given in Figures 2 and 3. For additional informa-
tion, please consult the AAT3152 product datasheet.
Schematic
Figure 1: Evaluation Board Schematic.
VDD
1
GP5
2
GP4
3
GP3
4
GP2
5
GP1
6
GP0
7
VSS
8
PIC12F675
U2
C3
1
µF
C1
1
µF
C2
1
µF
C4
1
µF
R6
100k
R1
1k
R4
330
R5
330
C5
10
µF
R2
1k
R3
1k
R7
220
J1
1
2
3
4
5
0
DOWN
SW1
1
2
3
4
5
0
UP
SW2
RED
LED7
1
2
3
4
5
0
CYCLE
SW3
DC+
DC-
D2
D1
D4
D3
GND
DC+
GND
GND
POT 10K
VR4
GRN
LED0
GND
D4
1
EN/SET
2
C1+
3
C1-
4
VOUT
5
C2+
6
C2-
7
VIN
8
GND
9
D1
10
D2
11
D3
12
AAT3152
U1
GND
GND
J2
GND
JP6
DC+
JP5
JPx
EV-118.2005.06.1.0
1


Similar Part No. - AATIAN60

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
   High Current LED Flash Driver Charge Pump IC
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
AATIAN64 SIGE-AATIAN64 Datasheet
85Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
AATIAN69 SIGE-AATIAN69 Datasheet
1Mb / 4P
   Low-Cost, 2/3-Channel Charge-Pump LED Drivers
More results

Similar Description - AATIAN60

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com