Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX301-U4E Datasheet(PDF) 1 Page - C&D Technologies

Part # NX301-U4E
Description  300 WATT AC/DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NX301-U4E Datasheet(HTML) 1 Page - C&D Technologies

  NX301-U4E Datasheet HTML 1Page - C&D Technologies NX301-U4E Datasheet HTML 2Page - C&D Technologies NX301-U4E Datasheet HTML 3Page - C&D Technologies NX301-U4E Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NX301 3/98 REV B
Page 1
DESCRIPTION
The NX301 is a compact 300 watt Power Factor Corrected,
multiple output power supply. All outputs are fully isolated
and regulated. Active current sharing circuitry, together with
control functions and alarm options, simplifies N+1 and
redundant applications.
Fan and disk drive applications are
handled by the peak current ratings of the auxiliary outputs.
3400 E Britannia Drive
Tucson, Arizona 85706
Phone: 520.295.4100
Fax: 520.770.9369
Internet: http://www.cdpowerelectronics.com
FEATURES
Active Power Factor Correction
Fully Isolated Outputs
Low Profile: 9” x 4.85” x 2.00”
One, Two, Three and Four Output Models
N+1 Current Sharing
FCC/VDE Class B EMI Filter Standard
Optional Fan Mounted On Cover
300 WATT
AC/DC POWER SUPPLY
NX301
Product Data Sheet
AGENCY APPROVALS


Similar Part No. - NX301-U4E

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NX301-U4E CANDD-NX301-U4E Datasheet
113Kb / 4P
   AC/DC POWER SUPPLY
More results

Similar Description - NX301-U4E

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM300S CINCON-CFM300S Datasheet
713Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
logo
TRACO Electronic AG
TPI300-M TRACOPOWER-TPI300-M Datasheet
1Mb / 6P
   AC/DC Power Supply TPI 300-M Series, 300 Watt
Rev. March 16, 2023
logo
C&D Technologies
DNX301 CANDD-DNX301 Datasheet
440Kb / 4P
   300 WATT DC/DC POWER SUPPLY
logo
Wall Industries,Inc.
PSRL0601D WALL-PSRL0601D Datasheet
366Kb / 5P
   300 Watt Dual Output AC/DC Switching Power Supply
logo
TRACO Electronic AG
TPP300-M TRACOPOWER-TPP300-M Datasheet
1Mb / 6P
   AC/DC Medical Power Supply TPP 300-M Series, 300 Watt
Rev. March 16, 2023
TPI300L-M TRACOPOWER-TPI300L-M Datasheet
1Mb / 6P
   AC/DC Power Supply TPI 300L-M Series, 300 Watt
Rev. March 16, 2023
logo
Wall Industries,Inc.
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016U3 WALL-PSRL5016U3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
logo
TRACO Electronic AG
TPP300A-M TRACOPOWER-TPP300A-M Datasheet
1Mb / 6P
   AC/DC Medical Power Supply TPP 300A-M Series, 300 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com