Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMV2415D Datasheet(PDF) 1 Page - C&D Technologies

Part # NMV2415D
Description  3kVDC Isolated 1W Single & Dual Output DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMV2415D Datasheet(HTML) 1 Page - C&D Technologies

  NMV2415D Datasheet HTML 1Page - C&D Technologies NMV2415D Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SELECTION GUIDE
FEATURES
s
3kVDC Isolation (1 minute)
s
Single or Dual Output
s
Industry Standard Pinout
s
Power Sharing on Dual Output
s
Efficiency to 80%
s
Power Density up to 0.90W/cm3
s
24V & 48V Input
s
5V, 9V, 12V and 15V Output
s
Footprint from 1.17cm2
s
UL 94V-0 Package Material
s
No Heatsink Required
s
Internal SMD Construction
s
Toroidal Magnetics
s
Fully Encapsulated
s
No External Components Required
s
Custom Solutions Available
s
No Electrolytic or Tantalum
Capacitors
DESCRIPTION
The NMV Series offers single or dual output
versions in the same size package as the
popular NMA series. The higher isolation is
particularly useful in control type applications
where the standard 1kV is not sufficient.
Order Code
(V)
(V)
(mA)
%
mV p-p
(%)
(pF)
kHrs
NMV2405DA
24
5
200
15
150
70
33
201
NMV2409DA
24
9
111
10
150
80
40
185
DIP
NMV2412DA
24
12
84
10
150
80
55
163
NMV2415DA
24
15
67
10
150
80
70
136
NMV2405SA
24
5
200
15
150
70
33
201
NMV2409SA
24
9
111
10
150
80
40
185
SIP
NMV2412SA
24
12
84
10
150
80
55
163
NMV2415SA
24
15
67
10
150
80
70
136
NMV4805DA
48
5
200
15
150
70
48
213
NMV4809DA
48
9
111
10
150
70
59
194
DIP
NMV4812DA
48
12
84
10
150
70
70
169
NMV4815DA
48
15
67
10
150
70
81
140
NMV4805SA
48
5
200
15
150
70
48
213
NMV4809SA
48
9
111
10
150
70
59
194
SIP
NMV4812SA
48
12
84
10
150
70
70
169
NMV4815SA
48
15
67
10
150
70
81
140
NMV2405D
24
5
±100
15
150
80
45
194
NMV2409D
24
9
±55
10
150
70
52
166
DIP
NMV2412D
24
12
±42
10
150
70
65
134
NMV2415D
24
15
±33
10
150
70
70
101
NMV2405S
24
5
±100
15
150
80
45
194
NMV2409S
24
9
±55
10
150
70
52
166
SIP
NMV2412S
24
12
±42
10
150
70
65
134
NMV2415S
24
15
±33
10
150
70
70
101
NMV4805D
48
5
±100
15
150
70
45
205
NMV4809D
48
9
±55
10
150
70
58
175
DIP
NMV4812D
48
12
±42
10
150
70
68
137
NMV4815D
48
15
±33
10
150
70
75
102
NMV4805S
48
5
±100
15
150
70
45
205
NMV4809S
48
9
±55
10
150
70
58
175
SIP
NMV4812S
48
12
±42
10
150
70
68
137
NMV4815S
48
15
±33
10
150
70
75
102
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 24V input types
21.6
24
26.4
Voltage Range
Continuous operation, 48V input types
43.2
48
52.8
V
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
TA= 0°C to 70°C
1
W
Voltage Set
Point Accuracy
See tolerance envelope
Line Regulation High V
IN to low VIN
1.2
%/%
Short-circuit duration3
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage V
IN, NMV24 types
28V
Input voltage V
IN, NMV48 types
54V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve
3 Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
NMV 24V & 48V SERIES
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
www.dc-dc.com


Similar Part No. - NMV2415D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMV2415DAC MURATA-NMV2415DAC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
NMV2415DC MURATA-NMV2415DC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
More results

Similar Description - NMV2415D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com