Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH15S4805I Datasheet(PDF) 1 Page - C&D Technologies

Part # NPH15S4805I
Description  Isolated 15W Single Output DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NPH15S4805I Datasheet(HTML) 1 Page - C&D Technologies

  NPH15S4805I Datasheet HTML 1Page - C&D Technologies NPH15S4805I Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPH15S SERIES
Isolated 15W Single Output DC-DC Converters
SELECTION GUIDE
FEATURES
High Efficiency to 89%
Power Density up to 2.4W/cm3
(39W/in3 )
1.5kV Input to Output Isolation
Industry Standard Pinout
UL 1950 Recognised
Non Latching Current Limit
Constant 350kHz Frequency
Versatile Control Options
Continuous Rating to 30W
at 40°C Without Heatsink
Operation to Zero Load
Protected Against Load Faults
Internal Over Temperature Protection
Uses No Electrolytic Capacitors
UL 94V-0 Package Materials
DESCRIPTION
The NPH15S series of DC-DC Converters
combines ease of application with versatility.
The pin pattern is based on the popular
industry standard, but two additional pins
may optionally be fitted to provide a variety
of features not commonly found on units of
this type. High efficiency enables full rating to
be achieved in a small package without
heatsinking, and a high surge capability will
provide for start-up and transient loads, whilst
being thermally protected against sustained
overload. Overload protection of the
“constant current” type ensures start-up
into complex load conditions. The copper
case achieves efficient heat transfer and
screening. The product range has been
recognised by Underwriters Laboratory (UL)
to UL 1950 for operational insulation, file
number E179522 applies.
Nominal
Output
Output
Current
Input Voltage
Voltage
Current
Limit
Efficiency
Order Code1
(V)
(V)
(mA)
(A)Min
(A)Max
(%)
NPH15S2403i
24
3.4
4.4
7.5
11.0
81
NPH15S2405i
24
5.1
3.0
5.0
7.5
84
NPH15S2412i
24
12.1
1.3
2.5
3.7
86
NPH15S2415i
24
15.1
1.0
2.0
3.0
87
NPH15S4803i
48
3.4
4.4
7.5
11.0
83
NPH15S4805i
48
5.1
3.0
5.0
7.5
85
NPH15S4812i
48
12.1
1.3
2.5
3.7
88
NPH15S4815i
48
15.1
1.0
2.0
3.0
89
Parameter
Conditions
MIN
NOM
MAX
Units
Voltage Range
Continuous operation, 24V input types
18
24
36
V
Continuous operation, 48V input types
36
48
75
Parameter
Conditions
MIN
TYP
MAX
Units
Voltage Set
50% load
0.5
%
Point Error
Overall
Case temperature –40°C to 110°C
Voltage Error
Load 0% - 100%
2.5
%
Input specified range
Temperature Coefficient
of Output Voltage
250
ppm°C
(slope)
Deviation of
Output Voltage
Temperature MIN-MAX
0.5
1
%
Line Regulation
Operating voltage range, 50% load
0.1
%
Load Regulation
0% - 100% rated load2
0.5
%
Ripple
rms
70
mV
Input voltage, 24V input types
–0.5V to 40V4
Input voltage, 48V input types
–0.5V to 80V4
Output Voltage
–0.3V to regulated voltage
Output trim control
–1V to +30V
Synchronisation/shutdown control
±15V relative to input return
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Voltage Trimming
At rated load,
±10
%
Range
Trim control at either output
Remote Switch Input3
Not operating
-15
0
1.5
V
(voltage relative
to input negative)
Operating, open circuit voltage
9
10
11
Start Delay
Time from application of valid input
voltage to output being in specification
25
50
mS
Synchronisation3
Specified drive signal
320
440
kHz
Switching Frequency
330
350
395
kHz
CONTROL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
ISOLATION CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Voltage
Flash tested for 1 second
1500
VDC
Resistance
Viso=500VDC
1
4000
GΩ
1 If optional pins ADJ and SS are required (as indicated in the pin connections diagram) prefix the ending “i” with
an E when ordering, e.g. NPH15S4803Ei.
2A minimum load of 10% of rating is recommended for typical applications.
3 Optional where fitted.
4 Absolute maximum value for 30 seconds. Prolonged operation may damage the product.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
www.cdpoweronline.com


Similar Part No. - NPH15S4805I

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH15S4805IC MURATA-NPH15S4805IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NPH15S4805iC MURATA-PS-NPH15S4805iC Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
More results

Similar Description - NPH15S4805I

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com