Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AATIAN23 Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # AATIAN23
Description  1A Buck DC/DC Switch Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN23 Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  AATIAN23 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN23 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN23 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN23 Datasheet HTML 4Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV-102
AAT1150 EVAL
1A Buck DC/DC Switch Mode Regulator
Introduction
The AAT1150 MSOP evaluation board demonstrates performance, along with the suggested size and place-
ment of external components, for the AAT1150 integrated buck regulator. The external components are select-
ed for minimum size and optimum operation up to 1A output current. Please refer to the AAT1150 product
datasheet for more details about this product.
Layout
As with all switching power supplies, board layout for the AAT1150 is critical. Special care has been taken with
placement of the external components. The input capacitor (C1) placement is critical and must be located imme-
diately adjacent to the AAT1150. As shown in Figure 2, the LX node trace has been routed under C1 in order
to facilitate placement of C1 close to the IC. The output voltage feedback trace has been routed on the portion
of backside of the board which has a ground plane on the top side (see Figure 3). The trace is routed to avoid
the LX node and associated noise. Please refer to Table 1 for AAT1150 evaluation board specifications.
Figure 1: AAT1150 Evaluation Board Schematic.
Table 1: AAT1150 Evaluation Board Specifications.
Specification
Test Conditions
Min
Typ
Max
Units
Input Voltage
2.7
3.6
5.5
V
Output Error Voltage
±3
%
Output Current
0
1.0
A
4.1µH
L1
C2-C4
3x 22µF
6.3V X5R
10µF
C1
100
R1
0.1µF
C7
100k
R2
Vo+
VIN+
GND
FB
1
GND
2
EN
3
VCC
4
VP
5
LX
6
LX
7
PGND
8
AAT1150
R3
10kΩ 1%
R4
EN
EV-102.2005.07.1.1
1


Similar Part No. - AATIAN23

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN22 SIGE-AATIAN22 Datasheet
850Kb / 11P
   3MHz Fast Transient 400mA Step-Down Converter
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
   850kHz 1A Buck Regulator
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
More results

Similar Description - AATIAN23

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Enpirion, Inc.
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
Linear Technology
LTC3521 LINER-LTC3521_15 Datasheet
379Kb / 22P
   1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3374EUHF LINER-LTC3374EUHF Datasheet
1Mb / 10P
   8-Channel Parallelable 1A Buck DC/DC
logo
Enpirion, Inc.
EL711DI ENPIRION-EL711DI Datasheet
2Mb / 20P
   1A Fast Transient DC-DC Buck Converter
logo
Advanced Power Electron...
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
   200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
logo
Analog Devices
LTC3355-1 AD-LTC3355-1 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
logo
Linear Technology
LTC3355 LINER-LTC3355_15 Datasheet
490Kb / 20P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com