Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI7536GPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFI7536GPBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI7536GPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFI7536GPBF Datasheet HTML 1Page - International Rectifier IRFI7536GPBF Datasheet HTML 2Page - International Rectifier IRFI7536GPBF Datasheet HTML 3Page - International Rectifier IRFI7536GPBF Datasheet HTML 4Page - International Rectifier IRFI7536GPBF Datasheet HTML 5Page - International Rectifier IRFI7536GPBF Datasheet HTML 6Page - International Rectifier IRFI7536GPBF Datasheet HTML 7Page - International Rectifier IRFI7536GPBF Datasheet HTML 8Page - International Rectifier IRFI7536GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
October 16, 2013
2
IRFI7536GPbF
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.26mH,
RG = 50Ω, IAS = 75A, VGS =10V. Part not recommended for use
above this value.
ƒ ISD ≤ 75A, di/dt ≤ 890A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. (TR) is a fixed capacitance that gives the same charging
time as Coss while VDS is rising from 0 to 80% VDSS.
S
D
G
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ Rθ is measured at TJ approximately 90°C.
ˆ RθJC value shown is at time zero.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
29
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.7
3.4
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
88
–––
–––
S
RG
Internal Gate Resistance
–––
0.79
–––
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
130
195
nC
Qgs
Gate-to-Source Charge
–––
31
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
42
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
88
–––
td(on)
Turn-On Delay Time
–––
22
–––
ns
tr
Rise Time
–––77–––
td(off)
Turn-Off Delay Time
–––
55
–––
tf
Fall Time
–––
64
–––
Ciss
Input Capacitance
–––
6600
–––
pF
Coss
Output Capacitance
–––
720
–––
Crss
Reverse Transfer Capacitance
–––
400
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)
–––
1080
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)
–––
1400
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
86
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
820
A
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
–––
1.3
V
dv/dt
Peak Diode Recovery
e
–––
3.3
–––
V/ns
trr
Reverse Recovery Time
–––
43
–––
ns
TJ = 25°C
VR = 51V,
–––53–––
TJ = 125°C
IF = 75A
Qrr
Reverse Recovery Charge
–––
58
–––
nC TJ = 25°C
di/dt = 100A/µs
f
–––65–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.4
–––
A
TJ = 25°C
VGS = 0V, VDS = 0V to 48V h, See Fig. 11
VDS = 60V, VGS = 0V
TJ = 25°C, IS = 75A, VDS = 60V
MOSFET symbol
showing the
VDS = 30V
Conditions
VGS = 10V f
VGS = 0V
VDS = 48V
ƒ = 1.0 MHz, See Fig. 5
VGS = 20V
VGS = 0V, VDS = 0V to 48V
g
TJ = 25°C, IS = 75A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1.0mA™
VGS = 10V, ID = 75A f
VDS = VGS, ID = 150µA
VGS = -20V
VDS = 60V, VGS = 0V, TJ = 125°C
VDS = 25V, ID = 75A
ID = 75A
RG = 2.7Ω
VGS = 10V f
VDD = 39V
ID = 75A, VDS =0V, VGS = 10V
Conditions
ID = 75A


Similar Part No. - IRFI7536GPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFI7536G ISC-IRFI7536G Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IRFI7536GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com