Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH25S Datasheet(PDF) 2 Page - C&D Technologies

Part # NPH25S
Description  Isolated 25W Single Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NPH25S Datasheet(HTML) 2 Page - C&D Technologies

  NPH25S Datasheet HTML 1Page - C&D Technologies NPH25S Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPH25S SERIES
Isolated 25W Single Output DC-DC Converters
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
For information and instructions on use, please consult the NPH SERIES
APPLICATION NOTES.
© C&D Technologies (NCL) Limited 2002
NDC NPH25S.5
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
ENVIRONMENTAL
Parameter
Conditions
MIN
TYP
MAX
Units
Case Temperature
Full load
–40
110
°C
Storage
Absolute MAX internal temperature
–40
125
°C
Relative Humidity
Non condensing 85°C
85
%
Thermal Protection
Operates at case temperature
110
°C
Weight: 45g
All dimensions in Inches (mm) ± 0.01 (0.25)
All pins on a 0.10 (2.54) pitch and within ± 0.01 (0.25) of true position
* Optional
THERMAL CHARACTERISTICS
THERMAL PERFORMANCE
UL 1950 recognition -
MAX permissible loads for a given ambient temperature for any NPH25S model
Temperature (°C)
Power (W)
Temperature (°C)
Power (W)
40
25.0
80
13.9
50
22.2
85
12.5
60
19.4
90
11.1
70
16.6
MAX power rating with case temperature maintained by external means
(eg forced air cooling)
Case Temperature
Part Number
100°C
105°C
110°C
Units
NPH25S2403
24
20
15
NPH25S2405
25
22
18
W
NPH25S2412
30
24
21
NPH25S2415
30
27
22
NPH25S4803
25
20
16
NPH25S4805
25
24
20
W
NPH25S4812
30
29
24
NPH25S4815
30
30
26
MECHANICAL DIMENSIONS
35
30
25
20
15
10
5
0
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
2415
2412
2405
2403
35
30
25
20
15
10
5
0
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
4815
4812
4805
4803
1.97 (50.00)
0.80
(20.32)
1.38
(35.00)
0.80
(20.32)
0.29
(7.34)
0.39 (10.00)
Ø
0.04 (1.04)
0.04 (0.90)
0.18 (4.50)
0.15 (3.70)
0.20
(5.08)
SS
+VIN
-VIN
+VOUT
ADJ
0V
0.59
(14.96)
0.58
(14.84)
0.20 (5.08)
0.20 (5.08)
BOTTOM VIEW
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com


Similar Part No. - NPH25S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH25S MURATA-NPH25S Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
NPH25S2403EIC MURATA-NPH25S2403EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
NPH25S2403IC MURATA-NPH25S2403IC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
NPH25S2405EIC MURATA-NPH25S2405EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
NPH25S2405IC MURATA-NPH25S2405IC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
More results

Similar Description - NPH25S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH25S2403EIC MURATA-NPH25S2403EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
NPH25S2415EIC MURATA-NPH25S2415EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
   Isolated 1.5W Single Output DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com