Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH15S Datasheet(PDF) 2 Page - C&D Technologies

Part # NPH15S
Description  Isolated 15W Single Output DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NPH15S Datasheet(HTML) 2 Page - C&D Technologies

  NPH15S Datasheet HTML 1Page - C&D Technologies NPH15S Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPH15S SERIES
Isolated 15W Single Output DC-DC Converters
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
For information and instructions on use, please consult the NPH SERIES
APPLICATION NOTES.
© C&D Technologies (NCL) Limited 2002
NDC NPH15S.5
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
ENVIRONMENTAL
Parameter
Conditions
MIN
TYP
MAX
Units
Case Temperature
Full load
–40
110
°C
Storage
Absolute MAX internal temperature
–40
125
°C
Relative Humidity
Non condensing 85°C
85
%
Thermal Protection
Operates at case temperature
110
°C
Weight: 36g
All dimensions in Inches(mm) ± 0.01(0.25)
All pins on a 0.10(2.54) pitch and within ±0.01(0.25) of true position
Case connected to 0V pin
1.97 (50.00)
0.80
(20.32)
0.58
(14.84)
0.98
(25.00)
0.80
20.32
0.4
(10.00)
0.18 (4.50)
0.15 (3.70)
Ø
0.40 (1.04)
0.04 (0.90)
SS
+VIN
-VIN
+VOUT
ADJ
0V
0.39
(9.96)
0.20 (5.08)
0.09 (2.34)
THERMAL CHARACTERISTICS
THERMAL PERFORMANCE
UL 1950 recognition -
MAX permissible loads for a given ambient temperature for any NPH15S model
Temperature (°C)
Power (W)
Temperature (°C)
Power (W)
40
15.0
80
9.8
50
15.0
85
8.8
60
13.7
90
7.8
70
11.7
MAX power rating with case temperature maintained by external means
(eg forced air cooling)
Case Temperature
Part Number
100°C
105°C
110°C
Units
NPH15S2403
19
16
12
NPH15S2405
22
19
15
W
NPH15S2412
25
22
19
NPH15S2415
26
24
21
NPH15S4803
20
17
13
NPH15S4805
23
20
16
W
NPH15S4812
28
26
23
NPH15S4815
30
28
25
MECHANICAL DIMENSIONS
35
30
25
20
15
10
5
0
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
2412
2415
2405
2403
35
30
25
20
15
10
5
0
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
4815
4812
4805
4803
BOTTOM VIEW
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
0.20
(5.08)
0.20
(5.08)


Similar Part No. - NPH15S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH15S CANDD-NPH15S Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2403EIC MURATA-NPH15S2403EIC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NPH15S2403EiC MURATA-PS-NPH15S2403EiC Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2403IC MURATA-NPH15S2403IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
More results

Similar Description - NPH15S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com