Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH10S Datasheet(PDF) 1 Page - C&D Technologies

Part # NPH10S
Description  Isolated 10W Single Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NPH10S Datasheet(HTML) 1 Page - C&D Technologies

  NPH10S Datasheet HTML 1Page - C&D Technologies NPH10S Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPH10S SERIES
Isolated 10W Single Output DC-DC Converters
www.cdpoweronline.com
SELECTION GUIDE
FEATURES
High Efficiency to 86%
Power Density up to 1.5kW/L
(24W/in3 )
1.5kV Input to Output Isolation
Industry Standard Pinout
Surge Rating to 12W
Non Latching Current Limit
Fixed Frequency
Versatile Control Options
Continuous Rating to 10W at 72°C
Without Heatsink
Operation to Zero Load
Protected Against Load Faults
Internal Over Temperature Protection
Uses No Electrolytic Capacitors
UL 94V-0 Package Materials
DESCRIPTION
The NPH10S series of DC-DC Converters
combines ease of application with versatility.
The pin pattern is based on the popular
industry standard, but two additional pins
may optionally be fitted to provide a variety
of features not commonly found on units of
this type. High efficiency enables full rating
to be achieved in a small package without
heatsinking. Thermally protected against
sustained overload. The copper case
achieves efficient heat transfer and screening.
The product range has been recognised by
Underwriters Laboratory (UL) to UL 1950 for
operational insulation, file number E179522
applies.
Nominal
Output
Output
Current
Max Load
Input Voltage
Voltage
Current
Limit2 (Typ) Efficiency Capacitance
Order Code1
(V)
(V)
(A)
(A)
(%)
(µF)
NPH10S2403i
24
3.4
2.94
4.5
79
470
NPH10S2405i
24
5.1
1.96
3.0
83
470
NPH10S2412i
24
12.1
0.83
1.2
86
100
NPH10S2415i
24
15.1
0.67
1.1
86
47
NPH10S4803i
48
3.4
2.94
4.1
80
470
NPH10S4805i
48
5.1
1.96
2.8
83
470
NPH10S4812i
48
12.1
0.83
1.2
86
56
NPH10S4815i
48
15.1
0.67
1.0
87
22
Parameter
Conditions
MIN
NOM
MAX
Units
Voltage Range
Continuous operation, 24V input types
18
24
36
V
Continuous operation, 48V input types
3
36
48
75
V
Parameter
Conditions
MIN
TYP
MAX
Units
Voltage Set
50% load after 30 mins at nominal
0.5
%
Point Error
supply voltage
Overall
Case temperature –40°C to 110°C
Voltage Error
Load 0% - 100%
1
2.5
%
Input specified range
Temperature Coefficient Over any 10°C span within the
of Output Voltage
specified temperature range
50
250
ppm°C
(slope)
Deviation of
Output Voltage
Specified over temperature MIN-MAX
0.5
1
%
Line Regulation
Operating voltage range, 50% load
0.05
0.1
%
Load Regulation
0% - 100% rated load4
0.5
%
Ripple
rms
70
mV
Input voltage, 24V input types
–0.5V to 40V6
Input voltage, 48V input types
–0.5V to 80V6
Output Voltage
–0.3V to controlled output voltage (operating or non-operating)
Output trim control
–1V to +30V
Synchronisation/shutdown control
±15V relative to input return
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Voltage Trimming
At rated load,
±10
%
Range
Trim control at either output
Remote Switch Input5
Not operating
-15
0
1.5
V
(voltage relative
to input negative)
Operating, open circuit voltage
9
10
11
Start Delay
Time from application of valid input
voltage to output being in specification
25
mS
Synchronisation5
Specified drive signal
320
440
kHz
Switching Frequency
330
350
395
kHz
CONTROL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
ISOLATION CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Voltage
Flash tested for 1 second
1500
VDC
Resistance
Viso=500VDC
1
GΩ
Capacitance
3.3V and 5V output
50
pF
12V and 15V output
90
1 If optional pins ADJ and SS are required (as indicated in the pin connections diagram) prefix the ending “i” with
an E when ordering, e.g. NPH10S4803Ei.
2Current is quoted when output is 95% of regulated voltage.
3 For applications requiring UL1950 recognition, input voltage must not exceed 60VDC.
4A minimum load of 10% of rating is recommended for typical applications ; see application notes.
5 Optional - Where fitted.
6 Absolute maximum value for 30 seconds. Prolonged operation may damage the product.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.


Similar Part No. - NPH10S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH10S2403EiC MURATA-NPH10S2403EiC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
NPH10S2403iC MURATA-NPH10S2403iC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
NPH10S2405EiC MURATA-NPH10S2405EiC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
NPH10S2412EiC MURATA-NPH10S2412EiC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
More results

Similar Description - NPH10S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
   Isolated 10W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
logo
Minmax Technology Co., ...
IDS100 MINMAX-IDS100 Datasheet
241Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com