Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHM8326PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFHM8326PBF
Description  Charge and Discharge Switch for Notebook PC Battery Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8326PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFHM8326PBF Datasheet HTML 1Page - International Rectifier IRFHM8326PBF Datasheet HTML 2Page - International Rectifier IRFHM8326PBF Datasheet HTML 3Page - International Rectifier IRFHM8326PBF Datasheet HTML 4Page - International Rectifier IRFHM8326PBF Datasheet HTML 5Page - International Rectifier IRFHM8326PBF Datasheet HTML 6Page - International Rectifier IRFHM8326PBF Datasheet HTML 7Page - International Rectifier IRFHM8326PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFHM8326PbF
1
www.irf.com
© 2013 International Rectifier
March 14, 2013
HEXFET
® Power MOSFET
Base part number
Package Type
Standard Pack
Orderable Part Number
 
 
Form
Quantity
IRFHM8326PbF
PQFN 3.3 mm x 3.3 mm
Tape and Reel
4000
IRFHM8326TRPbF
VDSS
30
V
RDS(on) max
(@ VGS = 10V)
4.7
(@ VGS = 4.5V)
6.7
Qg (typical)
20
nC
ID
(@TC (Bottom) = 25°C)
70
A
m

VGS max
±20
V
Features
Benefits
Low Thermal Resistance to PCB (<3.4°C/W)
Enable better thermal dissipation
Low Profile (<1.05 mm)
Increased Power Density
Industry-Standard Pinout
results in Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques

Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Consumer Qualification
Increased Reliability
Notes
 through  are on page 8
Absolute Maximum Ratings
  
Parameter
Max.
Units
VGS
Gate-to-Source Voltage
± 20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
19
A
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
70
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
44
IDM
Pulsed Drain Current
278
PD @TA = 25°C
Power Dissipation
2.8
W
PD @TC(Bottom) = 25°C
Power Dissipation
37
Linear Derating Factor
0.023
W/°C
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
15
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Source Bonding
Technology Limited)
25
Applications

Charge and Discharge Switch for Notebook PC Battery Application

System/Load Switch

Synchronous MOSFET for Buck Converters
 
3
2
1
8
7
6
5
4
D
D
D
D
S
S
S
G
Top View
PQFN 3.3X3.3 mm
 
S
G
S
S
D
D
D
D
D


Similar Part No. - IRFHM8326PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
663Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRFHM8326PBF IRF-IRFHM8326PBF_15 Datasheet
663Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM8326PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
logo
Infineon Technologies A...
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRFH9310PBF IRF-IRFH9310PBF Datasheet
296Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com