Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS540N Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN74LS540N
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS540N Datasheet(HTML) 3 Page - Motorola, Inc

  SN74LS540N Datasheet HTML 1Page - Motorola, Inc SN74LS540N Datasheet HTML 2Page - Motorola, Inc SN74LS540N Datasheet HTML 3Page - Motorola, Inc SN74LS540N Datasheet HTML 4Page - Motorola, Inc SN74LS540N Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC WAVEFORMS
1.5 V
1.5 V
1.5 V
1.3 V
1.3 V
1.3 V
1.3 V
VIN
VOUT
tPLH
tPHL
1.3 V
1.3 V
VIN
VOUT
SW2
CL*
5 kΩ
SW1
VCC
RL
TO OUTPUT
UNDER TEST
1.3 V
tPLH
tPHL
VE
VE
VOUT
VE
VE
VOUT
tPHZ
1.5 V
1.5 V
tPZL
tPLZ
VOL
1.5 V
≥VOH
0.5 V
tPZH
1.3 V
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
≈ 1.5 V
0.5 V
≈ 1.5 V
SWITCH POSITIONS
5-570
FAST AND LS TTL DATA
SN54/74LS540
• SN54/74LS541
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
Propagation Delay,
Data to Output
LS540
9.0
15
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
Propagation Delay,
Data to Output
LS541
12
15
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPHL
Propagation Delay,
Data to Output
LS540
12
15
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPHL
LS541
12
18
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPZH
Output Enable Time
to HIGH Level
LS540
15
25
ns
CL = 45 pF
RL = 667 Ω
tPZH
Output Enable Time
to HIGH Level
LS541
15
32
ns
L = 667 Ω
tPZL
Output Enable Time
to LOW Level
LS540
20
38
ns
tPZL
Output Enable Time
to LOW Level
LS541
20
38
ns
tPHZ
Output Disable Time
to HIGH Level
LS540
10
18
ns
CL = 5.0 pF
tPHZ
Output Disable Time
to HIGH Level
LS541
10
18
ns
CL = 5.0 pF
tPLZ
Output Disable Time
to LOW Level
LS540
15
25
ns
CL = 5.0 pF
tPLZ
Output Disable Time
to LOW Level
LS541
15
29
ns
SYMBOL
SW1
SW2
tPZH
Open
Closed
tPZL
Closed
Open
tPLZ
Closed
Closed
tPHZ
Closed
Closed


Similar Part No. - SN74LS540N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS540N ONSEMI-SN74LS540N Datasheet
75Kb / 3P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LS540N TI-SN74LS540N Datasheet
169Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS540N TI-SN74LS540N Datasheet
597Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS540N TI1-SN74LS540N Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN74LS540N3 TI-SN74LS540N3 Datasheet
597Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LS540N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com