Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LS569A Datasheet(PDF) 6 Page - Motorola, Inc

Part # SN54LS569A
Description  FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS569A Datasheet(HTML) 6 Page - Motorola, Inc

  SN54LS569A Datasheet HTML 1Page - Motorola, Inc SN54LS569A Datasheet HTML 2Page - Motorola, Inc SN54LS569A Datasheet HTML 3Page - Motorola, Inc SN54LS569A Datasheet HTML 4Page - Motorola, Inc SN54LS569A Datasheet HTML 5Page - Motorola, Inc SN54LS569A Datasheet HTML 6Page - Motorola, Inc SN54LS569A Datasheet HTML 7Page - Motorola, Inc SN54LS569A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5-578
FAST AND LS TTL DATA
SN54/74LS569A
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Pulse Width (Low)
20
ns
VCC = 5.0 V
ts
Setup Time, A, B, C, D
20
ns
VCC = 5.0 V
ts
Setup Time, SCLR
20
ns
VCC = 5.0 V
ts
Setup Time, LOAD
25
ns
VCC = 5.0 V
ts
Setup Time, U/D
30
ns
VCC = 5.0 V
ts
Setup Time, CET, CEP
20
ns
th
Hold Time, Any Inputs
0
ns
trec
ACLR
15
ns
MICROPROGRAMMABLE DUAL-EVENT 8-BIT COUNTERS
CP
LOAD1 U/D1 COUNT1
ACLR1
OE1
LOAD2 U/D2 COUNT2
ACLR2
OE2
8-BIT BUS
U/D
LOAD
CET
CEP
ACLR
OE
RCO
A-D
YA-D
4
4
4
4
4
4
4
4
8
8
CP
U/D
LOAD
CET
CEP
ACLR
OE
A-D
YA-D
CP
U/D
LOAD
CET
CEP
ACLR
OE
RCO
A-D
YA-D
CP
U/D
LOAD
CET
CEP
ACLR
OE
A-D
YA-D


Similar Part No. - SN54LS569A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS56 TI-SN54LS56 Datasheet
300Kb / 5P
[Old version datasheet]   FREQUENCY DIVIDERS
SN54LS56 TI-SN54LS56 Datasheet
265Kb / 10P
[Old version datasheet]   FREQUENCY DIVIDERS
More results

Similar Description - SN54LS569A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
SN74S350 AMD-SN74S350 Datasheet
116Kb / 2P
   Four-Bit Shifter With Three-State Outputs
logo
LSI Computer Systems
LS7060C LSI-LS7060C Datasheet
88Kb / 7P
   32 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7060 LSI-LS7060 Datasheet
64Kb / 7P
   32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7061 LSI-LS7061 Datasheet
68Kb / 7P
   32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7060 LSI-LS7060_03 Datasheet
83Kb / 6P
   32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
Advanced Micro Devices
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Fairchild Semiconductor
74F569 FAIRCHILD-74F569 Datasheet
83Kb / 9P
   4-Bit Bidirectional Counter with 3-STATE Outputs
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com