Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIMMG50SR120UA Datasheet(PDF) 3 Page - Micross Components

Part No. MIMMG50SR120UA
Description  1200V 50A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSS [Micross Components]
Homepage  http://www.micross.com
Logo 

MIMMG50SR120UA Datasheet(HTML) 3 Page - Micross Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MIMMG50SR120UA
100
100
80
80
VCE=20V
TJ =25°C
60
60
VCE(sat)(V)
Figure1. Typical Output characteristics
TJ =125°C
40
40
TJ =125°C
20
20
TJ =25°C
0
0
0
1
1.5
2.5
3.5
0
VGE(V)
Figure2. Typical Transfer characteristics
14
2
4
6
8
10
12
2
3
0.5
18
60
15
50
40
30
20
10
0
25
75
IC(A)
Figure3. Switching Energy vs. Collector Current
VCC=600V
RG=18ohm
VGE=±15V
TJ =125°C
Eon
Eoff
175
150
125
100
50
0
12
9
6
3
00 10 20 30 40 50 60
Eon
Eoff
RG(ohm)
Figure4. Switching Energy vs. Gate Resistor
70
VCC=600V
IC=50A
VGE=±15V
TJ =125°C
td(on)
td(off)
103
102
0
20
60
IC(A)
Figure5. Switching Times vs. Collector Current
VCC=600V
RG=18ohm
VGE=±15V
TJ =125°C
td(off)
tf
tr
td(on)
140
120
100
80
40
10
100 10 20 30 40 50 60
RG(ohm)
Figure6. Switching Times vs. Gate Resistor
70
VCC=600V
IC=50A
VGE=±15V
TJ =125°C
tf
tr
102
103


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn