Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIMMG50SR120UA Datasheet(PDF) 1 Page - Micross Components

Part No. MIMMG50SR120UA
Description  1200V 50A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSS [Micross Components]
Homepage  http://www.micross.com
Logo 

MIMMG50SR120UA Datasheet(HTML) 1 Page - Micross Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIMMG50SR120UA
1200V 50A IGBT Module
RoHS Compliant
FEATURES
·
Ultra Low Loss
GS Series Module
·
High Ruggedness
·
High Short Circuit Capability
·
Positive Temperature Coefficient
·
With Fast Free-Wheeling Diodes
APPLICATIONS
·
Invertor
·
Convertor
·
Welder
·
SMPS and UPS
·
Induction Heating
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
IGBT
VCES
Collector - Emitter Voltage
1200
V
VGES
Gate - Emitter Voltage
±
20
V
TC=25°C
80
A
IC
DC Collector Current
TC=80°C
50
A
TC=25°C, tp=1ms
170
A
ICpuls
Pulsed Collector Current
TC=80°C, tp=1ms
110
A
Ptot
Power Dissipation Per IGBT
500
W
TJ
Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +125
°C
Visol
Insulation Test Voltage
AC, t=1min
3000
V
Free-Wheeling Diode
VRRM
Repetitive Reverse Voltage
1200
V
TC=25°C
90
A
IF(AV)
Average Forward Current
TC=80°C
60
A
IF(RMS)
RMS Forward Current
90
A
TJ=45°C, t=10ms, Sine
430
A
IFSM
Non-Repetitive Surge
Forward Current
TJ=45°C, t=8.3ms, Sine
450
A


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn