Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIMMG50SR120UA Datasheet(PDF) 5 Page - Micross Components

Part No. MIMMG50SR120UA
Description  1200V 50A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSS [Micross Components]
Homepage  http://www.micross.com
Logo 

MIMMG50SR120UA Datasheet(HTML) 5 Page - Micross Components

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MIMMG50SR120UA
1
10-1
Dimensions in mm
Figure16. Package Outlines
7
2
Figure15. Circuit Diagram
1
6
3
2
3
1
2.8x0.5
M5
80.0
17.0
23.0
23.0
94.0
Rectangular Pulse Duration (seconds)
Figure14. Transient Thermal Impedance of Diode
10-4
10-4
10-3
10-3
10-2
10-2
10-1
1
1
10-1
10-2
10-3
10-2
10-3
10-4
10-4
Duty
0.5
0.2
0.1
0.05
Single Pulse
Duty
0.5
0.2
0.1
0.05
Single Pulse
Rectangular Pulse Duration (seconds)
Figure13. Transient Thermal Impedance of IGBT
1
10-1


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn