Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIMMG50SR120UA Datasheet(PDF) 4 Page - Micross Components

Part No. MIMMG50SR120UA
Description  1200V 50A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSS [Micross Components]
Homepage  http://www.micross.com
Logo 

MIMMG50SR120UA Datasheet(HTML) 4 Page - Micross Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MIMMG50SR120UA
25
TJ =150°C
TC =25°C
VGE =15V
VCE(V)
Figure8. Typical Capacitances vs. VCE
Qg(µC)
Figure7. Gate Charge characteristics
0
0
20
10
15
5
0.1
0.2
0.3
0.4
0.5
VGE =0V
f=1MHz
Cies
Coes
Cres
0.1
1
0
5
10
15
20
25
30
35
TC Case Temperature(°C)
Figure11. Rated Current vs. TC
TJ =150°C
VGE ≥15V
0
125 150 175
50
75 100
100
20
40
60
80
0
25
1000
200
160
120
80
40
0
0
200
600
VCE(V)
Figure9. Reverse Biased Safe Operating Area
1400
1200
1000
800
400
800
600
400
200
00 200 400 600 800 1000 1200
VCE(V)
Figure10. Short Circuit Safe Operating Area
1400
TJ =150°C
TC =25°C
VGE =15V
tsc≤10µs
TJ =25°C
TJ =125°C
VF(V)
Figure12. Diode Forward Characteristics
0
0
25
75
100
150
125
0.5
50
1.0 1.5 2.0 2.5
3
3.5
VCC=600V
IC=50A
TJ =25°C
10


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn