Electronic Components Datasheet Search |
|
A22-GB Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
A22-GB Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 13 page A22 A22 2 Model Number Legend (Completely Assembled) Shipped as a set which includes the Operational Unit, LED (lighted type only), and Switch Unit. A22 j-jj-j-jj 12 3 4 5 6 1 Lighted/Non-lighted Code Description None Non-lighted L Lighted 2 Flange Shape Code Description F Round/Flat T Round/Projection G Round/Full-guard H Round/Half-guard C Square/Projection D Square/Full-guard S Round/Mushroom (30-dia. head) M Round/Mushroom (40-dia. head) Lighted T Round/Projection G Round/Full-guard H Round/Half-guard C Square/Projection D Square/Full-guard Non-lighted 3 Illumination Color Code Description R Red G Green Y Yellow W White A Blue B Black (for non-lighted type only) 4 Light Source Code Rated Voltage 6D LED 6 VDC 6A 6 VAC 12A 12 VAC/DC 24A 24 VAC/DC With Transformer T1 LED 110 VAC*1 T2 220 VAC*2 Without Transformer Note: The LED lamp (24 VAC/DC) can be lit by directly applying 110 VAC/DC (220 VAC/DC) to the lamp terminal. LED incorporates the 24-VAC/DC type. 5 Contacts Code Description 10 SPST-NO 01 SPST-NC 11 SPST-NO + SPST-NC 20 DPST-NO 02 DPST-NC Note: Refer to page 48 for contact ratings. 6 Switch Action Code Description M Momentary A Latching *1) Operational voltage: 95 to 115 VAC *2) Operational voltage: 190 to 230 VAC Pushbutton Switch (Completely Assembled) Non-lighted (Round Type) Appearance Output Momentary operation (self-resetting) Latching operation (self-holding) Illumination color Flat type SPST-NO A22-F j-10M A22-F j-10A Insert one of the fll i ltt i t th ay e SPST-NC A22-F j-01M A22-F j-01A se o e o e following letters into the box j SPST-NO + SPST-NC A22-F j-11M A22-F j-11A box j. R (red) A22-F DPST-NO A22-F j-20M A22-F j-20A R (red) Y (yellow) A22-F DPST-NC A22-F j-02M A22-F j-02A Y (yellow) G (green) W (white) Round/Projection type SPST-NO A22-T j-10M A22-T j-10A (g ) W (white) A (blue) ou d/ ojec o y e SPST-NC A22-T j-01M A22-T j-01A A (blue) B (black) SPST-NO + SPST-NC A22-T j-11M A22-T j-11A B (black) A22-T DPST-NO A22-T j-20M A22-T j-20A A22-T DPST-NC A22-T j-02M A22-T j-02A Round/Full-guard type SPST-NO A22-G j-10M A22-G j-10A ou d/ u gua d y e SPST-NC A22-G j-01M A22-G j-01A SPST-NO + SPST-NC A22-G j-11M A22-G j-11A A22-G DPST-NO A22-G j-20M A22-G j-20A A22-G DPST-NC A22-G j-02M A22-G j-02A |
Similar Part No. - A22-GB |
|
Similar Description - A22-GB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |