Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM108AJ-8RQMLV Datasheet(PDF) 10 Page - Texas Instruments

Part # LM108AJ-8RQMLV
Description  LM108/LM108AQML Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM108AJ-8RQMLV Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM108AJ-8RQMLV Datasheet HTML 6Page - Texas Instruments LM108AJ-8RQMLV Datasheet HTML 7Page - Texas Instruments LM108AJ-8RQMLV Datasheet HTML 8Page - Texas Instruments LM108AJ-8RQMLV Datasheet HTML 9Page - Texas Instruments LM108AJ-8RQMLV Datasheet HTML 10Page - Texas Instruments LM108AJ-8RQMLV Datasheet HTML 11Page - Texas Instruments LM108AJ-8RQMLV Datasheet HTML 12Page - Texas Instruments LM108AJ-8RQMLV Datasheet HTML 13Page - Texas Instruments LM108AJ-8RQMLV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM108A Electrical Characteristics (Continued)
DC Parameters (Continued)
The following conditions apply to all the following parameters, unless otherwise specified.
V
CC = ±20V, VCM =0V
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
Delta I
IO/
Delta T
Temperature Coefficient of
Input Offset Current
(Note 13)
2.5
pA/˚C
1, 2, 3
+V
OP
Output Voltage Swing
V
CC = ±15V, RL = 10K
13
V
4,5,6
-V
OP
Output Voltage Swing
V
CC = ±15V, RL = 10K
-13
V
4,5,6
+A
VS
Open Loop Voltage Gain
V
CC = ±15V, RL = 10K
Ω,
Vout=0to10V
(Note 10)
80
V/mV
4
(Note 10)
40
V/mV
5, 6
-A
VS
Open Loop Voltage Gain
V
CC = ±15V, RL = 10K
Ω,
Vout=0to -10V
(Note 10)
80
V/mV
4
(Note 10)
40
V/mV
5, 6
AC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
V
CC = ±20V, VCM =0V
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
TR
TR
Transient Response Rise Time
(Note 13)
1.0
µS
7
www.national.com
9


Similar Part No. - LM108AJ-8RQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM108AJ-8 NSC-LM108AJ-8 Datasheet
158Kb / 8P
   Operational Amplifiers
More results

Similar Description - LM108AJ-8RQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
logo
Rochester Electronics
LM108 ROCHESTER-LM108 Datasheet
337Kb / 4P
   OPERATIONAL AMPLIFIER Industry Part Number LM108
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com