Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5050935-2 Datasheet(PDF) 6 Page - Texas Instruments

Part # 5050935-2
Description  DRV411EVM Users Guide
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5050935-2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5050935-2 Datasheet HTML 2Page - Texas Instruments 5050935-2 Datasheet HTML 3Page - Texas Instruments 5050935-2 Datasheet HTML 4Page - Texas Instruments 5050935-2 Datasheet HTML 5Page - Texas Instruments 5050935-2 Datasheet HTML 6Page - Texas Instruments 5050935-2 Datasheet HTML 7Page - Texas Instruments 5050935-2 Datasheet HTML 8Page - Texas Instruments 5050935-2 Datasheet HTML 9Page - Texas Instruments 5050935-2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DRV411EVM Schematic and Bill of Materials
www.ti.com
5.2
DRV411EVM Bill of Materials
Table 5 is the complete BOM for this EVM.
Table 5. DRV411EVM Bill of Materials
Item
Qty
Ref Des
Value
Description
Manufacturer
Part Number
1
1
C1
0.01uF
CAP CER 10000PF 50V 5% NP0 0805
Murata
GRM2195C1H103JA01D
2
1
C2
1uF
CAP CER 1UF 25V 10% X7R 0805
Taiyo Yuden
TMK212B7105KG-T
3
0
C3, C4, C5
Not Installed
4
1
C6
10uF
CAP TANT 10UF 20V 20% 1210
AVX
TPSB106M020R1000
5
4
D1, D2, D3, D4
DIODE SCHOTTKY 350MA SGL SOD-323, 40V
ST Micro.
BAT48JFILM
6
6
J1, J2, GSEL1, GSEL2, REFSEL1, REFSEL2
CONN HEADER VERT SGL 2POS GOLD
3M
961102-6404-AR
7
1
J3
CONN HEADER VERT SGL 3POS GOLD
3M
961103-6404-AR
8
1
J4
CONN HEADER 4POS 2MM VERT SMD
3M
951104-2530-AR-PR
9
2
VCC, GND
JACK NON-INSULATED .218"
Keystone
575-4
10
1
R1
1.00kohm
RES 1.0K OHM 1/8W .1% 0805 SMD
Susumu
RG2012P-102-B-T5
11
1
R2
10.0 ohm
RES 10.0 OHM 1W .1% 1206
Vishay
PHP01206E10R0BST5
12
0
R3, R4
Not Installed
13
8
R5, R6, R7, R8, R9, R13, R14, R15
0ohm
RES 0.0 OHM 1/8W 0805 SMD
Vishay-Dale
CRCW08050000Z0EA
14
6
R10, R11, R16, R17, R18, R19
10.0kohm
RES 10.0K OHM 1/8W 1% 0805 SMD
Vishay-Dale
CRCW080510K0FKEA
15
1
R12
39.2 ohm
RES 39.2 OHM 1/8W 1% 0805 SMD
Vishay-Dale
CRCW080539R2FKEA
16
10
IAIN1, IAIN2, ERROR, OR, VOUT, REFIN, GSEL1,
TEST POINT PC COMPACT .063"D YLW
Keystone
5009
GSEL2, REFSEL1, REFSEL2
17
2
VCC
TEST POINT PC COMPACT .063"D RED
Keystone
5005
18
6
GND
TEST POINT PC COMPACT .063"D BLK
Keystone
5006
19
1
U1
Hall Effect IC, QFN-20
Texas Instruments
DRV411RGP
20
4
X1-pin sockets
CONN SOCKET MINI SPRING TIN
TE Connectivity
5050935-2
21
0
X1-device
Not Installed
22
5
NA
SHUNT LP W/HANDLE 2 POS 30AU
TE Connectivity
881545-2
23
4
NA
STANDOFF HEX 4-40THR ALUM 1"L
Keystone
2205
24
4
NA
MACHINE SCREW PAN PHILLIPS 4-40
B&F Fastener Supply
PMSSS 440 0025 PH
25
1
NA
Printed Circuit Board
TI
6570099
6
DRV411EVM User's Guide
SLVU772A – August 2013 – Revised November 2013
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - 5050935-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5050 ETC2-5050 Datasheet
157Kb / 2P
   PHASE ADJUSTER
logo
LEMO Connectors
5050 LEMO-5050 Datasheet
96Kb / 4P
   B - Indoor keyed
5050 LEMO-5050 Datasheet
96Kb / 4P
   B - Indoor keyed
5050 LEMO-5050 Datasheet
96Kb / 4P
   B - Indoor keyed
5050 LEMO-5050 Datasheet
79Kb / 4P
   B - Indoor keyed
More results

Similar Description - 5050935-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
LM60440AQEVM TI-LM60440AQEVM Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2400-DK SILABS-CP2400-DK Datasheet
1Mb / 32P
   DEVELOPMENT KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
logo
Silicon Laboratories
UG130 SILABS-UG130 Datasheet
9Mb / 14P
   Si86xxT-EVB Users Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com