Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

951104-2530-AR-PR Datasheet(PDF) 11 Page - Texas Instruments

Part # 951104-2530-AR-PR
Description  DRV411EVM Users Guide
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

951104-2530-AR-PR Datasheet(HTML) 11 Page - Texas Instruments

Back Button 951104-2530-AR-PR Datasheet HTML 5Page - Texas Instruments 951104-2530-AR-PR Datasheet HTML 6Page - Texas Instruments 951104-2530-AR-PR Datasheet HTML 7Page - Texas Instruments 951104-2530-AR-PR Datasheet HTML 8Page - Texas Instruments 951104-2530-AR-PR Datasheet HTML 9Page - Texas Instruments 951104-2530-AR-PR Datasheet HTML 10Page - Texas Instruments 951104-2530-AR-PR Datasheet HTML 11Page - Texas Instruments 951104-2530-AR-PR Datasheet HTML 12Page - Texas Instruments 951104-2530-AR-PR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
【Important Notice for Users of EVMs for RF Products in Japan】
This development kit is NOT certified as Confirming to Technical Regulations of Radio Law of Japan
If you use this product in Japan, you are required by Radio Law of Japan to follow the instructions below with respect to this product:
1.
Use this product in a shielded room or any other test facility as defined in the notification #173 issued by Ministry of Internal Affairs and
Communications on March 28, 2006, based on Sub-section 1.1 of Article 6 of the Ministry’s Rule for Enforcement of Radio Law of
Japan,
2.
Use this product only after you obtained the license of Test Radio Station as provided in Radio Law of Japan with respect to this
product, or
3.
Use of this product only after you obtained the Technical Regulations Conformity Certification as provided in Radio Law of Japan with
respect to this product. Also, please do not transfer this product, unless you give the same notice above to the transferee. Please note
that if you could not follow the instructions above, you will be subject to penalties of Radio Law of Japan.
Texas Instruments Japan Limited
(address) 24-1, Nishi-Shinjuku 6 chome, Shinjuku-ku, Tokyo, Japan
http://www.tij.co.jp
【無線電波を送信する製品の開発キットをお使いになる際の注意事項】
本開発キットは技術基準適合証明を受けておりません。
本製品のご使用に際しては、電波法遵守のため、以下のいずれかの措置を取っていただく必要がありますのでご注意ください。
1.
電波法施行規則第6条第1項第1号に基づく平成18年3月28日総務省告示第173号で定められた電波暗室等の試験設備でご使用いただく。
2.
実験局の免許を取得後ご使用いただく。
3.
技術基準適合証明を取得後ご使用いただく。
なお、本製品は、上記の「ご使用にあたっての注意」を譲渡先、移転先に通知しない限り、譲渡、移転できないものとします。
   上記を遵守頂けない場合は、電波法の罰則が適用される可能性があることをご留意ください。
日本テキサス・インスツルメンツ株式会社
東京都新宿区西新宿6丁目24番1号
西新宿三井ビル
http://www.tij.co.jp
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER


Similar Part No. - 951104-2530-AR-PR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
951104-7622-AR 3M-951104-7622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
951104-7722-AR 3M-951104-7722-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
951104-8622-AR 3M-951104-8622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
951104-8722-AR 3M-951104-8722-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
More results

Similar Description - 951104-2530-AR-PR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
LM60440AQEVM TI-LM60440AQEVM Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2400-DK SILABS-CP2400-DK Datasheet
1Mb / 32P
   DEVELOPMENT KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
logo
Silicon Laboratories
UG130 SILABS-UG130 Datasheet
9Mb / 14P
   Si86xxT-EVB Users Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com