Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA172IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA172IDBVR
Description  36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA172IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA172IDBVR Datasheet HTML 4Page - Texas Instruments OPA172IDBVR Datasheet HTML 5Page - Texas Instruments OPA172IDBVR Datasheet HTML 6Page - Texas Instruments OPA172IDBVR Datasheet HTML 7Page - Texas Instruments OPA172IDBVR Datasheet HTML 8Page - Texas Instruments OPA172IDBVR Datasheet HTML 9Page - Texas Instruments OPA172IDBVR Datasheet HTML 10Page - Texas Instruments OPA172IDBVR Datasheet HTML 11Page - Texas Instruments OPA172IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
±10
0
10
20
30
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
V
S =
“18 V, -9”9
CM
”9
V
S = ±2.25V, -
9”9
CM
”9
±2
0
2
4
6
8
10
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
-18
-12
-6
0
6
12
18
0
10
20
30
40
50
60
70
80
90
100 110
I
out (mA)
-18
-18
18
18
- 40
SC
+25°C
+85
SC
+125
S
C001
- 40°C
+125°C
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
1
10
100
1k
10k
100k
1M
Frequency (Hz)
+PSRR
-PSRR
CMRR
C012
±4
±2
0
2
4
6
8
10
12
±18.0 ±13.5
±9.0
±4.5
0.0
4.5
9.0
13.5
18.0
V
CM (V)
C001
Ib
N
Ib
P
T
A = 25°C
±2000
0
2000
4000
6000
8000
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
I
B+
I
B -
Ios
I
os
OPA172
OPA2172
OPA4172
SBOS618 – DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
Figure 7. INPUT BIAS CURRENT vs COMMON-MODE
Figure 8. INPUT BIAS CURRENT vs TEMPERATURE
VOLTAGE
Figure 9. OUTPUT VOLTAGE SWING vs OUTPUT
Figure 10. CMRR AND PSRR vs FREQUENCY
CURRENT (Maximum Supply)
(Referred-to-Input)
Figure 11. CMRR vs TEMPERATURE
Figure 12. PSRR vs TEMPERATURE
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA172 OPA2172 OPA4172


Similar Part No. - OPA172IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172IDBVR TI1-OPA172IDBVR Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - OPA172IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
[Old version datasheet]   OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com