Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV411AIRGPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV411AIRGPR
Description  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV411AIRGPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV411AIRGPR Datasheet HTML 7Page - Texas Instruments DRV411AIRGPR Datasheet HTML 8Page - Texas Instruments DRV411AIRGPR Datasheet HTML 9Page - Texas Instruments DRV411AIRGPR Datasheet HTML 10Page - Texas Instruments DRV411AIRGPR Datasheet HTML 11Page - Texas Instruments DRV411AIRGPR Datasheet HTML 12Page - Texas Instruments DRV411AIRGPR Datasheet HTML 13Page - Texas Instruments DRV411AIRGPR Datasheet HTML 14Page - Texas Instruments DRV411AIRGPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
±1.5
±1.3
±1.0
±0.8
±0.5
±0.3
0.0
0.3
0.5
0.8
1.0
1.3
1.5
±2.0
±1.0
0.0
1.0
2.0
3.0
Time (µs)
C04
V
IN
V
OUT
0
0
0
10
100
1k
10k
100k
Frequency (Hz)
C023
Auto-Zero Frequency = 62.5 kHz
Sensor Not Running
e
n = 162nV/¥+] DYHUDJH RYHU+]WRN+]
10-6
10-7
10-8
±1.5
±1.3
±1.0
±0.8
±0.5
±0.3
0.0
0.3
0.5
0.8
1.0
1.3
1.5
±2.0
±1.0
0.0
1.0
2.0
3.0
Time (µs)
C00
V
IN
V
OUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
±1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Time (µs)
C022
V
IN
V
OUT
2.5
2.75
3
3.25
3.5
3.75
-50
-30
-10
10
30
50
70
90
110
130
150
Temperature (ºC)
C020
Positive Overrange
Negative Overrange
±3.0
±2.5
±2.0
±1.5
±1.0
±0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Time (ms)
C021
V
IN
V
OUT
DRV411
www.ti.com
SBOS693B – AUGUST 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
At VDD = 5 V and TA = +25 °C, unless otherwise noted.
Figure 31. OVERRANGE DELAY vs TEMPERATURE
Figure 32. DIFFERENTIAL AMPLIFIER OVERLOAD
RECOVERY
Figure 33. DIFFERENTIAL AMPLIFIER STEP RESPONSE
Figure 34. DIFFERENTIAL AMPLIFIER SETTLING TIME
(RISING EDGE)
Figure 35. DIFFERENTIAL AMPLIFIER SETTLING TIME
Figure 36. DIFFERENTIAL AMPLIFIER OUTPUT VOLTAGE
(FALLING EDGE)
NOISE DENSITY
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV411


Similar Part No. - DRV411AIRGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
DRV411RGP TI1-DRV411RGP Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
More results

Similar Description - DRV411AIRGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com