Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV411AIPWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV411AIPWP
Description  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV411AIPWP Datasheet(HTML) 2 Page - Texas Instruments

  DRV411AIPWP Datasheet HTML 1Page - Texas Instruments DRV411AIPWP Datasheet HTML 2Page - Texas Instruments DRV411AIPWP Datasheet HTML 3Page - Texas Instruments DRV411AIPWP Datasheet HTML 4Page - Texas Instruments DRV411AIPWP Datasheet HTML 5Page - Texas Instruments DRV411AIPWP Datasheet HTML 6Page - Texas Instruments DRV411AIPWP Datasheet HTML 7Page - Texas Instruments DRV411AIPWP Datasheet HTML 8Page - Texas Instruments DRV411AIPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
DRV411
SBOS693B – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or visit
the device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
MIN
MAX
UNIT
Supply voltage (VDD to GND)
+7
V
Input voltage(2)
GND – 0.5
VDD + 0.5
V
Differential amplifier inputs
GND – 6
VDD + 6
V
Input current to input terminals(3)
–25
+25
mA
ICOMP short circuit(4)
300
mA
Junction temperature, TJ max
–50
+150
°C
Storage temperature range, Tstg
–65
+150
°C
Human body model (HBM)
–2000
+2000
V
JEDEC standard 22, test method A114-C.01
Electrostatic
Charged device model (CDM)
discharge (ESD)
–1000
+1000
V
JEDEC standard 22, test method C101
ratings
Machine model (MM)
–150
+150
V
JEDEC standard 22, test method A115
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must
be current limited, except for the differential amplifier input pins.
(3)
These inputs are not internally protected against overvoltage. The differential amplifier input pins must be limited to 5 mA (max) or ±1.5
V (max).
(4)
Power-limited; observe maximum junction temperature.
THERMAL INFORMATION
DRV411
THERMAL METRIC(1)
PWP (TSSOP)
RGP (QFN)
UNITS
20 PINS
20 PINS
θJA
Junction-to-ambient thermal resistance
37.2
33.8
θJCtop
Junction-to-case (top) thermal resistance
24.3
34.6
θJB
Junction-to-board thermal resistance
19.8
11.1
°C/W
ψJT
Junction-to-top characterization parameter
0.7
0.4
ψJB
Junction-to-board characterization parameter
19.6
11.2
θJCbot
Junction-to-case (bottom) thermal resistance
2.0
2.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV411


Similar Part No. - DRV411AIPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
DRV411RGP TI1-DRV411RGP Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
More results

Similar Description - DRV411AIPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com