Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE33CA Datasheet(PDF) 4 Page - STMicroelectronics

Part # P6KE33CA
Description  Transil?? transient voltage surge suppressor (TVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE33CA Datasheet(HTML) 4 Page - STMicroelectronics

  P6KE33CA Datasheet HTML 1Page - STMicroelectronics P6KE33CA Datasheet HTML 2Page - STMicroelectronics P6KE33CA Datasheet HTML 3Page - STMicroelectronics P6KE33CA Datasheet HTML 4Page - STMicroelectronics P6KE33CA Datasheet HTML 5Page - STMicroelectronics P6KE33CA Datasheet HTML 6Page - STMicroelectronics P6KE33CA Datasheet HTML 7Page - STMicroelectronics P6KE33CA Datasheet HTML 8Page - STMicroelectronics P6KE33CA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
P6KE
4/9
Doc ID 3068 Rev 7
Figure 3.
Peak power dissipation vs. initial
junction temperature
(printed circuit board)
Figure 4.
Peak pulse power vs. exponential
pulse duration.
0
0
20
40
60
80
100
%
20
40
60
80
100 120 140 160 180 200
ø
Tj initial (°C)
0.001
0.01
0.1
1
10
100
Ppp (W)
Figure 5.
Clamping voltage vs. peak pulse
current(1)
Figure 6.
Capacitance vs. reverse applied
voltage for unidirectional types
(typical values).
1.
The curves in Figure 5 are specified for a junction temperature of 25°C before surge. The given results may be
extrapolated for other junction temperatures by using the following formula :
ΔVBR = αT x [Tamb -25] x VBR(25°C)
For intermediate voltages, extrapolate the given results.
0.1
1
10
100
1000
1
10
100
1000
V(V)
CL
Ipp (A)
t
%Ipp
100
50
0
t r
t< 10
s
r
t
Tj initial = 25øC
P6KE 440A
P6KE 220A
P6KE 68A
P6KE 39A
P6KE 22A
P6KE 12A
P6KE 6V8A
P6KE 100A
p
°
t = 20µs
p
t = 1ms
t = 10ms
p
p
Exponential waveform:
C (pF)
110
100
10
100
1000
10000
V(V)
R
Tj = 25°C
ø
F= 1 MHz
P6KE6V8A
P6KE 15A
P6KE68A
P6KE200A
50
00
Figure 7.
Capacitance vs. reverse applied
voltage for bidirectional types
(typical values).
Figure 8.
Peak forward voltage drop vs. peak
forward current for unidirectional
types (typical value).(1)
1.
Multiply by 2 for units with VBR > 220 V.
50
00
C (pF)
110
100
10
100
1000
10000
V(V)
R
Tj = 25°C
ø
F= 1 MHz
P6KE6V8CA
P6KE 15CA
P6KE68CA
P6KE200CA


Similar Part No. - P6KE33CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE33CA SUNMATE-P6KE33CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Pan Jit International I...
P6KE33CA PANJIT-P6KE33CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P6KE33CA YFWDIODE-P6KE33CA Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Diodes Incorporated
P6KE33CA DIODES-P6KE33CA Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
Yea Shin Technology Co....
P6KE33CA YEASHIN-P6KE33CA Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE33CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com