Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE12CA Datasheet(PDF) 1 Page - STMicroelectronics

Part # P6KE12CA
Description  Transil?? transient voltage surge suppressor (TVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE12CA Datasheet(HTML) 1 Page - STMicroelectronics

  P6KE12CA Datasheet HTML 1Page - STMicroelectronics P6KE12CA Datasheet HTML 2Page - STMicroelectronics P6KE12CA Datasheet HTML 3Page - STMicroelectronics P6KE12CA Datasheet HTML 4Page - STMicroelectronics P6KE12CA Datasheet HTML 5Page - STMicroelectronics P6KE12CA Datasheet HTML 6Page - STMicroelectronics P6KE12CA Datasheet HTML 7Page - STMicroelectronics P6KE12CA Datasheet HTML 8Page - STMicroelectronics P6KE12CA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
April 2012
Doc ID 3068 Rev 7
1/9
9
P6KE
Transil™, transient voltage surge suppressor (TVS)
Datasheet
production data
Features
Peak pulse power: 600 W (10/1000 µs )
Stand-off voltage range 6.8 to 440 V
Unidirectional and bidirectional types
Low clamping factor
Fast response time
UL recognized
Complies with the following standards
IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
MIL STD 883G, method 3015-7 Class 3
– HBM (human body model)
Description
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particularly
suited to protect voltage sensitive devices such as
MOS Technology and low voltage supplied IC’s.
TM:Transil is a trademarks of STMicroelectronics.
DO-15
(DO-204AC)
www.st.com


Similar Part No. - P6KE12CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE12CA PANJIT-P6KE12CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Diodes Incorporated
P6KE12CA DIODES-P6KE12CA Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
DONGGUAN YOU FENG WEI E...
P6KE12CA YFWDIODE-P6KE12CA Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Yea Shin Technology Co....
P6KE12CA YEASHIN-P6KE12CA Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE12CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com