Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC015D Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # LC015D
Description  LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LC015D Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button LC015D Datasheet HTML 3Page - Lineage Power Corporation LC015D Datasheet HTML 4Page - Lineage Power Corporation LC015D Datasheet HTML 5Page - Lineage Power Corporation LC015D Datasheet HTML 6Page - Lineage Power Corporation LC015D Datasheet HTML 7Page - Lineage Power Corporation LC015D Datasheet HTML 8Page - Lineage Power Corporation LC015D Datasheet HTML 9Page - Lineage Power Corporation LC015D Datasheet HTML 10Page - Lineage Power Corporation LC015D Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
March 27, 2008
Lineage Power
7
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Electrical Specifications (continued)
Output Voltage Set-point Adjustment Range
(optional: single outputs only)
A, B, F
C
D
90
90
90
110
100
125
%VO, nom
%VO, nom
%VO, nom
Output Overvoltage Clamp
(VO, clamp may be set higher on units with out-
put voltage set-point adjustment option.)
D
F
A
B
C
AJ
BK
CL
VO, clamp
VO, clamp
VO, clamp
VO, clamp
VO, clamp
VO1, clamp
VO2, clamp
VO1, clamp
VO2, clamp
VO1, clamp
VO2, clamp
2.60
3.7
5.6
13.2
16.5
5.6
–5.6
13.2
–13.2
16.5
–16.5
4.0
5.7
7.0
16.0
21.0
7.0
–7.0
18.0
–18.0
21.0
–21.0
V
V
V
V
V
V
V
V
V
V
V
Undervoltage Lockout
LCxxx
LWxxx
Vuvlo
Vuvlo
11
20
14
27
V
V
Table 5. Feature Specifications (continued)
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Characteristic Curves
8-1785(C)
Figure 1. LC010 Input Current vs. Input Voltage at
IO = IO, max and TC = 25 °C
8-1786(C)
Figure 2. LC015 Input Current vs. Input Voltage at
IO = IO, max and TC = 25 °C
5
10
15
25
20
30
0.0
0.6
INPUT VOLTAGE, V I (V)
0.4
0.3
0.5
35
0.8
40
0
0.7
0.2
0.1
0.9
0.4
0.0
0.8
1.2
1.4
0.2
0.6
1.0
5
10
15
35
20
40
0
30
25
INPUT VOLTAGE, V I (V)


Similar Part No. - LC015D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC015D MACOM-LC015D Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015D LINEAGEPOWER-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

Similar Description - LC015D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com