Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C104K4RACTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # C0805C104K4RACTU
Description  FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

C0805C104K4RACTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  C0805C104K4RACTU Datasheet HTML 1Page - Fairchild Semiconductor C0805C104K4RACTU Datasheet HTML 2Page - Fairchild Semiconductor C0805C104K4RACTU Datasheet HTML 3Page - Fairchild Semiconductor C0805C104K4RACTU Datasheet HTML 4Page - Fairchild Semiconductor C0805C104K4RACTU Datasheet HTML 5Page - Fairchild Semiconductor C0805C104K4RACTU Datasheet HTML 6Page - Fairchild Semiconductor C0805C104K4RACTU Datasheet HTML 7Page - Fairchild Semiconductor C0805C104K4RACTU Datasheet HTML 8Page - Fairchild Semiconductor C0805C104K4RACTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2012 Fairchild Semiconductor Corporation
3
FEBSPM3SPM45_M01MTCA
• Rev. 1.0.1
This user guide supports the SPM3V2_V4 / SPM45H evaluation board, identifiable by
the marking FEBSPM3SPM45_M01MTCA on the topside of the PCB. It should be used
in conjunction with SPM3V2_V4 / SPM45H product datasheets, as well as Fairchild
Semiconductor’s application notes and technical support team available through the
website at http://www.fairchildsemi.com.
1. Overview of the Evaluation Board
This motion Smart Power Module (SPM®) evaluation board is designed to evaluate
Fairchild Semiconductor’s SPM3V2_V4 and SPM45H SPM families of parts. The motion
SPM is installed as the motor power module on the evaluation board to drive a three-phase
AC Induction Motor (ACIM), Brushless DC (BLDC) motor, Brushless AC (BLAC)
motor, or Permanent-Magnet Synchronous Motor (PMSM). A Switched-Mode Power
Supply (SMPS) is integrated into the design, along with the necessary bulk capacitors and
microcontroller (MCU) interface circuitry. This allows evaluation of Fairchild’s motion
SPM products with a minimum investment of time, expense, and peripheral equipment. As
this board is designed for a wide variety of motor types, not all included circuitry is
required for all types of motors. Some motor types may require some additional circuitry be
added, depending on the control algorithms being implemented.
By default, the FNB41560 (600 V/15 A SPM45H) is installed as the motor power
module, as shown in Figure 9. It is possible to replace the provided SPM45H module
with a part from the SPM3_V2 family (i.e. FSBB30CH60, 600 V/30 A) per Figure 10 or
the SPM3_V4 family (i.e. FSBB30CH60C, 600 V/30 A) per Figure 11. Depending on the
power level of the device, some additional discrete component value changes may be
required. The most common reason to consider a SPM3V2_V4 device over the SPM45H
family is to increase motor power level.
The evaluation board is designed to connect to either AC or DC power sources feeding
current to the motor. There are three example test configurations in Section 3. The three-
phase motor output terminals (U, V, W) from the SPM should be connected to the motor
windings. Three bootstrap power supply circuits are designed into the evaluation board,
one per phase. A bootstrap capacitor, charge resistor for charging the capacitor, and the
blocking diode for high-voltage isolation make up each bootstrap supply. With SPM45H
and SPM3_V4 modules, R50-55 and D5-7 are not required. These extra bootstrap
positions are provided for compatibility with SPM3_V2 modules.
The microcontroller (MCU) or motion-controller development board connects to this
SPM board via the provided connector. Six low-pass filters are used between the signal
input connector and the gate input signal pins of the FNB41560. Short-circuit current
protection is provided by a single shunt resistor, op amp, and low-pass filter. Additional
circuitry is included to monitor bus voltage, inverter phase current, and module
temperature. This evaluation board is designed to support a wide array of test conditions
and requirements.


Similar Part No. - C0805C104K4RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C104K4RACTU KEMET-C0805C104K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0805C104K4RACTU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com