Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C101K5GACTU Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # C0805C101K5GACTU
Description  FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

C0805C101K5GACTU Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button C0805C101K5GACTU Datasheet HTML 7Page - Fairchild Semiconductor C0805C101K5GACTU Datasheet HTML 8Page - Fairchild Semiconductor C0805C101K5GACTU Datasheet HTML 9Page - Fairchild Semiconductor C0805C101K5GACTU Datasheet HTML 10Page - Fairchild Semiconductor C0805C101K5GACTU Datasheet HTML 11Page - Fairchild Semiconductor C0805C101K5GACTU Datasheet HTML 12Page - Fairchild Semiconductor C0805C101K5GACTU Datasheet HTML 13Page - Fairchild Semiconductor C0805C101K5GACTU Datasheet HTML 14Page - Fairchild Semiconductor C0805C101K5GACTU Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2012 Fairchild Semiconductor Corporation
11
FEBSPM3SPM45_M01MTCA
• Rev. 1.0.1
3.4. Test Configuration #3
Use this configuration for motor currents greater than 7 ARMS. Modifications are required
(see Figure 8).
1. Additional cooling and/or larger heat sink is required.
2. Remove JP1 and JP2 AC line jumpers. This removes power to the bridge rectifier.
The AC line voltage is only applied to the SMPS.
3. Attach the three-phase motor and MCU connections.
4. Connect the AC line voltage to J3 to power the SMPS.
5. Fault indicator LED (D3) turns on when AC power is initially applied.
6. Press switch SW2 to reset the fault-detect circuit, turning off fault indicator D3.
7. Connect an isolated high-power DC power supply to the P and N terminals.
8. Adjust the DC supply for the desired DC voltage.
9. Operate the MCU firmware to rotate the motor. More advanced control algorithms
may require additional connections to the MCU (i.e.: phase current sensing, motor
winding BEMF sensing, and bus voltage sensing).
DC
Power Supply
+
+
R16
R15
R17
R14
JP2
JP1
C42
R59
R58
R57 R56
R54
R51
R50
R53
R52
R55
C41
C17
R23
C24
C29
R41
R40
C33
C25
R27
R26
C27
C28
R25
R46
R47
R60
R61
R62
R63
D3
D5
D6
D7
C1
C3
C5
ZD4
ZD2
C38
C15
ZD3
MCU
Motor
Figure 8. Test Configuration #3
D3
SW2


Similar Part No. - C0805C101K5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C101K5GACTU KEMET-C0805C101K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 10%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0805C101K5GACTU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com