Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCPF190N60E-ND Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FCPF190N60E-ND
Description  FCP190N60E / FCPF190N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 20.6 A, 190 m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCPF190N60E-ND Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FCPF190N60E-ND Datasheet HTML 1Page - Fairchild Semiconductor FCPF190N60E-ND Datasheet HTML 2Page - Fairchild Semiconductor FCPF190N60E-ND Datasheet HTML 3Page - Fairchild Semiconductor FCPF190N60E-ND Datasheet HTML 4Page - Fairchild Semiconductor FCPF190N60E-ND Datasheet HTML 5Page - Fairchild Semiconductor FCPF190N60E-ND Datasheet HTML 6Page - Fairchild Semiconductor FCPF190N60E-ND Datasheet HTML 7Page - Fairchild Semiconductor FCPF190N60E-ND Datasheet HTML 8Page - Fairchild Semiconductor FCPF190N60E-ND Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2011 Fairchild Semiconductor Corporation
FCP190N60E / FCPF190N60E Rev. C10
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Safe Operating Area
for FCP190N60E
for FCPF190N60E
Figure 11. Maximum Drain Current
Figure 12. Eoss vs. Drain to Source Voltage
vs. Case Temperature
-100
-50
0
50
100
150
200
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
*Notes:
1. VGS = 0V
2. ID = 10mA
TJ, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
*Notes:
1. VGS = 10V
2. ID = 10A
TJ, Junction Temperature [
oC]
0.1
1
10
100
1000
0.01
0.1
1
10
100
10μs
100μs
1ms
10ms
VDS, Drain to Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
0.1
1
10
100
1000
0.01
0.1
1
10
100
10μs
100μs
1ms
10ms
VDS, Drain to Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
25
50
75
100
125
150
0
5
10
15
20
25
TC, Case Temperature [
oC]
0
100
200
300
400
500
600
0
2
4
6
8
10
V
DraintoSource Voltage [V]


Similar Part No. - FCPF190N60E-ND

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCPF190N60E-F154 ONSEMI-FCPF190N60E-F154 Datasheet
254Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.6 A, 190 m
December, 2020 - Rev. 0
More results

Similar Description - FCPF190N60E-ND

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCPF190N60E-F154 ONSEMI-FCPF190N60E-F154 Datasheet
254Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.6 A, 190 m
December, 2020 - Rev. 0
FCH190N65F-F085 ONSEMI-FCH190N65F-F085 Datasheet
422Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
November, 2019 - Rev. 3
FCPF190N65FL1-F154 ONSEMI-FCPF190N65FL1-F154 Datasheet
321Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCD380N60ECT-ND FAIRCHILD-FCD380N60ECT-ND Datasheet
602Kb / 9P
   FCD380N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 10.2 A, 380 m廓
FCD900N60ZCT-ND FAIRCHILD-FCD900N60ZCT-ND Datasheet
614Kb / 9P
   FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
logo
ON Semiconductor
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
FCD600N65S3R0 ONSEMI-FCD600N65S3R0 Datasheet
416Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
FCU600N65S3R0 ONSEMI-FCU600N65S3R0 Datasheet
296Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
logo
Fairchild Semiconductor
FCH041N60F-ND FAIRCHILD-FCH041N60F-ND Datasheet
600Kb / 9P
   FCH041N60F N-Channel SuperFET II FRFET MOSFET 600 V, 76 A, 41 m廓
FCPF190N60_F152-ND FAIRCHILD-FCPF190N60_F152-ND Datasheet
655Kb / 10P
   FCP190N60 / FCPF190N60 N-Channel SuperFET II MOSFET 600 V, 20.2 A, 199 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com