Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1521IS8 Datasheet(PDF) 8 Page - Linear Dimensions Semiconductor

Part # LT1521IS8
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1521IS8 Datasheet(HTML) 8 Page - Linear Dimensions Semiconductor

Back Button LT1521IS8 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1521IS8 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1521IS8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1521IS8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1521IS8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1521IS8 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1521IS8 Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1521IS8 Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1521IS8 Datasheet HTML 12Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1521/LT1521-3
LT1521-3.3/LT1521-5
1521335fb
TYPICAL PERFORMANCE CHARACTERISTICS
OUT (Pin 1): The output pin supplies power to the load. A
minimum output capacitor of 1.5
µF is required to prevent
oscillations, but larger values of output capacitor will be
necessary to deal with larger load transients. See the
Applications Information section for more on output
capacitance and reverse output characteristics.
SENSE (Pin 2): For fixed voltage versions of the LT1521
(LT1521-3, LT1521-3.3, LT1521-5), the sense pin is the
input to the error amplifier. Optimum regulation will be
obtained at the point where the sense pin is connected to
PIN FUNCTIONS
LT1521-5
Transient Response
TIME (
µs)
0
0.2
0.1
0
–0.1
–0.2
150
100
50
400
LT1521 • TPC33
100
50
150
250
350
450
200
300
500
VIN = 6V
CIN = 0.1µF
COUT = 1.5µF
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
LT1521 • TPC31
100
100k
ILOAD = 150mA
VIN = 6V + 50mVRMS RIPPLE
COUT = 33µF
SOLID TANTALUM
COUT = 3.3µF
SOLID TANTALUM
Ripple Rejection
Load Regulation
TEMPERATURE (
°C)
–50
25
LT1521 • TPC32
–25
0
50
0
–5
–10
–15
–20
–25
–30
–35
–40
75
100
125
∆ILOAD = 1mA TO 300mA
LT1521-3.3
LT1521-3
LT1521*
LT1521-5
VIN = VOUT (NOMINAL + 1V)
*VADJ = VOUT
LT1521-5
Transient Response
TIME (ms)
0
0.2
0.1
0
–0.1
–0.2
300
200
100
4.0
LT1521 • TPC34
1.0
0.5
1.5
2.5
3.5
4.5
2.0
3.0
5.0
VIN = 6V
CIN = 0.1µF
COUT = 33µF
the output pin of the regulator. In critical applications small
voltage drops caused by the resistance (RP) of PC traces
between the regulator and the load, which would normally
degrade regulation, may be eliminated by connecting the
sense pin to the output at the load as shown in Figure 1
(Kelvin Sense Connection). Note that the voltage drop
across the external PC traces will add to the dropout
voltage of the regulator. The sense pin bias current is 5
µA
at the nominal regulated output voltage. This pin is inter-
nally clamped to – 0.6V (one VBE).


Similar Part No. - LT1521IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521IS8 LINER-LT1521IS8 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521IS8-3 LINER-LT1521IS8-3 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521IS8-3.3 LINER-LT1521IS8-3.3 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521IS8-5 LINER-LT1521IS8-5 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results

Similar Description - LT1521IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529 Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com