Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC0063W06030R Datasheet(PDF) 10 Page - Analog Devices

Part # MC0063W06030R
Description  EVAL-AD7903SDZ User Guide UG-609
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MC0063W06030R Datasheet(HTML) 10 Page - Analog Devices

Back Button MC0063W06030R Datasheet HTML 6Page - Analog Devices MC0063W06030R Datasheet HTML 7Page - Analog Devices MC0063W06030R Datasheet HTML 8Page - Analog Devices MC0063W06030R Datasheet HTML 9Page - Analog Devices MC0063W06030R Datasheet HTML 10Page - Analog Devices MC0063W06030R Datasheet HTML 11Page - Analog Devices MC0063W06030R Datasheet HTML 12Page - Analog Devices MC0063W06030R Datasheet HTML 13Page - Analog Devices MC0063W06030R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
UG-609
EVAL-AD7903SDZ User Guide
Rev. 0 | Page 10 of 32
LINK CONFIGURATION OPTIONS
Care should be taken before applying power and signals to the
evaluation board to ensure that all link positions are as required
by the operating mode. There are two modes in which to operate
the evaluation board. The evaluation board can be operated in
SDP controlled mode to be used with the SDP board, or the
evaluation board can be used in standalone mode.
When operating in SDP controlled mode, ensure that VIO is
3.3 V. Operating with a VIO greater than 3.3 V in SDP controlled
mode may damage the SDP board.
The Default Position column of Table 3 shows the default
positions in which the links are set when the evaluation board is
packaged. When the board is shipped, it is assumed that you are
going to operate the evaluation board with the SDP board (SDP
controlled mode).
Table 3. Solder Links—Factory Default Settings
Link
Setting
Function
Comment
SL1
A
+VS
Change to B if using bench supplies.
SL2
A
−VS
Change to B if using bench supplies.
SL3
A
−VS
Change to B if using bench supplies.
SL4
A
+VS
Change to B if using bench supplies.
SL5
A
Analog input
Do not alter.
SL6
A
Analog input
Do not alter.
LK3
A
V_SDP
Change to B if using bench supplies.
LK4
A
VREF
Change to B if using bench supplies.
LK5
A
VDD for ADC
Change to B if using bench supplies.
LK6
A
U12 output connects to
U14 input
Change to B if U14 inverting input needs to be connected to ground.
LK7
A
U17 output connects to
U16 input
Change to B if U16 inverting input needs to be connected to ground.
LK8
A
ADC2 input
Change to B if using ADC1 input.
LK9
A
ADC2 input
Change to B if using ADC1 input.
LK10
A
U17 input
Change to B if U17 needs to be bypassed.
LK11
A
U17 input
Change to B if U17 needs to be bypassed.
LK12
A
U16 input
Change to B if U16 needs to be bypassed.


Similar Part No. - MC0063W06030R

ManufacturerPart #DatasheetDescription
logo
C&K Components
MC00 CK-COMPONENTS-MC00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC000048 ETC2-MC000048 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000049 ETC2-MC000049 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
   USB C Male to USB 3.1 A Male Cable 1m
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
   USB 2.0 Micro B Male to C Male Cable 1m
More results

Similar Description - MC0063W06030R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-851 AD-UG-851 Datasheet
1Mb / 15P
   EVAL-AD7606SDZ/EVAL-AD7607SDZ/EVAL-AD7608SDZ User Guide
UG-223 AD-UG-223 Datasheet
743Kb / 20P
   This user guide describes the EVAL-AD7193EBZ evaluation
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
   EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com