Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1521 Datasheet(PDF) 10 Page - Linear Dimensions Semiconductor

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1521 Datasheet(HTML) 10 Page - Linear Dimensions Semiconductor

Back Button LT1521 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1521 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1521 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1521 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1521 Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1521 Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1521 Datasheet HTML 12Page - Linear Dimensions Semiconductor LT1521 Datasheet HTML 13Page - Linear Dimensions Semiconductor LT1521 Datasheet HTML 14Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1521/LT1521-3
LT1521-3.3/LT1521-5
1521335fb
output is turned off and the divider current will be zero.
Curves of Adjust Pin Voltage vs Temperature and Adjust
Pin Bias Current vs Temperature appear in the Typical
Performance Characteristics. The reference voltage at the
adjust pin has a positive temperature coefficient of ap-
proximately 15ppm/
°C. The adjust pin bias current has a
negative temperature coefficient. These effects will tend to
cancel each other.
The adjustable device is specified with the adjust pin tied
to the output pin. This sets the output voltage to 3.75V.
Specifications for output voltages greater than 3.75V will
be proportional to the ratio of the desired output voltage
to 3.75V; (VOUT/3.75V). For example: load regulation for
an output current change of 1mA to 300mA is –20mV
typical at VOUT = 3.75V. At VOUT = 12V, load regulation
would be:
(12V/3.75V)(– 20mV) = – 64mV
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125
°C). The
power dissipated by the device will be made up of two
components:
1. Output current multiplied by the input/output voltage
differential: IOUT(VIN – VOUT), and
2. Ground pin current multiplied by the input voltage:
(IGND)(VIN)
APPLICATIONS INFORMATION
Figure 2. Adjustable Operation
+
VIN
VOUT
LT1521
GND
IN
SHDN
OUT
ADJ
LT1521 • F01
VOUT = 3.75V 1 +
+ (IADJ + R2)
VADJ = 3.75V
IADJ = 50nA AT 25°C
OUTPUT RANGE = 3.75V TO 20V
R2
R1
)
)
R1
R2
The ground pin current can be found by examining the
Ground Pin Current curves in the Typical Performance
Characteristics. Power dissipation will be equal to the sum
of the two components listed above.
The LT1521 series regulators have internal thermal limit-
ing designed to protect the device during overload condi-
tions. For continuous normal load conditions the maxi-
mum junction temperature rating of 125
°C must not be
exceeded. It is important to give careful consideration to
all sources of thermal resistance from junction to ambient.
Additional heat sources mounted nearby must also be
considered.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following tables list thermal resistance for each pack-
age. Measured values of thermal resistance for several
different board sizes and copper areas are listed for each
package. All measurements were taken in still air on
3/32" FR-4 board with one ounce copper. All NC leads were
connected to the ground plane.
Table 1. MS8 Package
COPPER AREA
THERMAL RESISTANCE
TOPSIDE**
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm2
2500mm2
2500mm2
110
°C/W
1000mm2
2500mm2
2500mm2
115
°C/W
225mm2
2500mm2
2500mm2
120
°C/W
100mm2
2500mm2
2500mm2
130
°C/W
* Pin 4 is ground. ** Device is mounted on topside.
Table 2. S8 Package*
COPPER AREA
THERMAL RESISTANCE
TOPSIDE** BACKSIDE
BOARD AREA (JUNCTION-TO-AMBIENT)
2500mm2
2500mm2
2500mm2
60
°C/W
1000mm2
2500mm2
2500mm2
60
°C/W
225mm2
2500mm2
2500mm2
68
°C/W
100mm2
2500mm2
2500mm2
74
°C/W
* Pins 3, 6, 7 are ground. ** Device is mounted on topside.


Similar Part No. - LT1521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1521 LINER-LT1521 Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LT1521 LINER-LT1521 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results

Similar Description - LT1521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529 Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com