Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR28V384IM48-0A-EB Datasheet(PDF) 10 Page - Exar Corporation

Part # XR28V384IM48-0A-EB
Description  XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR28V384IM48-0A-EB Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR28V384IM48-0A-EB Datasheet HTML 6Page - Exar Corporation XR28V384IM48-0A-EB Datasheet HTML 7Page - Exar Corporation XR28V384IM48-0A-EB Datasheet HTML 8Page - Exar Corporation XR28V384IM48-0A-EB Datasheet HTML 9Page - Exar Corporation XR28V384IM48-0A-EB Datasheet HTML 10Page - Exar Corporation XR28V384IM48-0A-EB Datasheet HTML 11Page - Exar Corporation XR28V384IM48-0A-EB Datasheet HTML 12Page - Exar Corporation XR28V384IM48-0A-EB Datasheet HTML 13Page - Exar Corporation XR28V384IM48-0A-EB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
XR28V384
10
REV. 1.0.0
3.3V QUAD LPC UART WITH 128-BYTE FIFO
1.2.1.3
Stop Frame
After all IRQ/Data Frames have been completed, the host controller will terminate SERIRQ by a Stop frame.
Only the host controller can initiate the Stop frame by driving SERIRQ low for 2 or 3 clocks. If the Stop Frame
is low for 2 clocks, the next SERIRQ cycle will be the Quiet mode whereas if it is low for 3 clocks, the next
SERIRQ cycle will be the Continuous mode.
1.3
Watchdog Timer (WDT)
The WDT is typically used in a system to initiate any of the several types of corrective action, including
processor reset, power cycling, fail-safe activation etc. The Watchdog timer of V384 is an 8 bit counter
controlled by six registers.
See ”Section 2.1.2.2, Watchdog Timer Registers (LDN = 0x08)” on page 26.
WDTOUT# idles HIGH and will transition LOW when a time out occurs.
The V384 provides three time
intervals: 10 ms, 1s and 1 minute allowing for timeouts ranging from approximately 2.5 seconds to more than 4
hours.
See ’Section 2.1.2.2.4, WDT Timer Status and Control Register - Read/Write’ to set up time interval.
1.4
UART
1.4.1
External Clock Input (CLKIN)
Along with LCLK, the V384 also needs an external clock for UART data communication. It can support any
clock up to 48MHz. The 24MHz and 48MHz are the standard clock frequencies supported by the V384.
See
’Section 2.1.1.5, Clock Select Register - Read/Write’.
1.4.1.1
Programmable Baud Rate Generator
Each UART has its own Baud Rate Generator (BRG) with a prescaler. The prescaler is controlled by Bit[1:0] of
Enhanced Multifunction Register - Read/Write.
Table 5 shows the standard data rates available with a 24 MHz external clock at 16X sampling rate and
internal clock frequency set to 1.8462 MHz. The divisor value can be calculated for DLL/DLM with the following
equation.
Table 8 lists the different internal clock settings.
divisor (decimal) = (Internal clock frequency ) / (serial data rate x 16)
TABLE 5: TYPICAL DATA RATES WITH A 1.8462MHZ INTERNAL CLOCK
BAUD Rate
(BPS)
DIVISOR FOR 16x
Clock (Decimal)
DIVISOR FOR 16x
Clock (HEX)
DLM
PROGRAM
VALUE (HEX)
DLL
PROGRAM
VALUE (HEX)
ACTUAL
BAUD RATE
DATA RATE
ERROR (%)
150
768
300
03
00
150.24
0.2
300
384
180
01
80
300.48
0.2
600
192
C0
00
C0
600.96
0.2
1200
96
60
00
60
1201.92
0.2
2400
48
30
00
30
2403.85
0.2
4800
24
18
00
18
4807.69
0.2
9600
12
0C
00
0C
9615.39
0.2
19200
6
06
00
06
19230.77
0.2
38400
3
03
00
03
38461.54
0.2
57600
2
02
00
02
57692.31
0.2
115200
1
01
00
01
115384.6
0.2


Similar Part No. - XR28V384IM48-0A-EB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
More results

Similar Description - XR28V384IM48-0A-EB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com