Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUU120215 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SUU120215
Description  SUU120 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SUU120215 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SUU120215 Datasheet HTML 1Page - MPS Industries, Inc. SUU120215 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output Voltage And Current Rating Chart (Single Output) :
Output Voltage And Current Rating Chart ( Multi Output ) :
Mechanical Specifications :
Note:
1. Dimensions are shown
2. Weight: 450~550gs approx.
3. Input connector mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal.
4. Output connector mates with Molex housing
;09-50-3131and Molex 2878
in mm.
09-50-3061
series crimp terminal.
Model Number
Output Voltage
Output Current
Total Regulation
SUU120-101
3
~
5
VDC
22.00 ~ 20.00 A
5%
100W
SUU120-102
5
~
6
VDC
22.00 ~ 18.33 A
5%
110W
SUU120-103
6
~
9
VDC
19.16 ~ 12.77 A
5%
115W
SUU120-104
9
~ 11
VDC
13.33 ~ 10.90 A
4%
120W
SUU120-105
11
~ 13
VDC
10.90 ~
9.23 A
3%
120W
SUU120-106
13
~ 16
VDC
9.23 ~
7.50 A
3%
120W
SUU120-107
16
~ 21
VDC
7.50 ~
5.71 A
3%
120W
SUU120-108
21
~ 27
VDC
5.71 ~
4.44 A
2%
120W
SUU120-109
27
~ 33
VDC
4.44 ~
3.63 A
2%
120W
SUU120-110
33
~ 40
VDC
3.63 ~
3.00 A
2%
120W
SUU120-111
40
~ 50
VDC
3.00 ~
2.40 A
2%
120W
Output Power
Maximum
SUU120 SERIES
Output # 1
Output #2
Output #3
Vonom Iomin Iomax Regmax Vonom
Iomin Iomax Regmax Vonom Iomin Iomax Regmax
Model
Number
SUU120-200
SUU120-201
SUU120-202
SUU120-203
SUU120-204
SUU120-215
SUU120-219
SUU120-300
SUU120-301
SUU120-302
SUU120-303
SUU120-304
SUU120-305
SUU120-306
+3.3V
+3.3V
+28V
+3.3V
+5V
+5V
+5V
+5V
+5V
+3.3V
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
0.4A
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
15A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
+12V
+12V
+15V
+24V
+5V
-24V
+5V
+12V
+12V
+12V
+15V
+24V
+24V
+12V
0.6A
0.8A
0.6A
0.4A
0.6A
0.2A
0A
0.8A
0.8A
1.0A
0.45A
0.4A
0.8A
6A
6A
6A
3.5A
6A
2A
2A
6A
6A
6A
6A
3.5A
6A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-5V
-12V
-15V
-24V
-12V
-5V
0A
0A
0A
0A
0A
0A
0.8A
0.8A
0.8A
0.8A
0.8A
0.8A
0.8A
5%
5%
5%
5%
5%
5%
5%
120W
120W
120W
120W
79.5W
120W
120W
120W
120W
120W
120W
120W
120W
120W
M aximum
OUTput Power
+5V
+5V
+5V
+5V
15A
15A
15A
15A
15A
3.92A
15A
15A
15A
15A
15A
15A
15A
SUU120-300-1 +3.3V
1.5A
5%
+12V
0.6A
6A
5%
+12V
0A
0.8A
5%
120W
15A
SUU120-301-1
SUU120-302-1
SUU120-303-1
SUU120-304-1
SUU120-305-1
+5V
1.5A
5%
+12V
0.8A
6A
5%
+5V
0A
0.8A
5%
120W
15A
+5V
1.5A
5%
+12V
0.8A
6A
5%
+12V
0A
0.8A
5%
120W
15A
+5V
1.5A
5%
+15V
1.0A
6A
5%
+15V
0A
0.8A
5%
120W
15A
+5V
1.5A
5%
+24V
0.45A
3.5A
5%
+24V
0.25A
0.8A
5%
120W
15A
3.5A
+5V
1.5A
5%
+24V
0.4A
5%
+12V
0A
0.8A
5%
120W
15A
3.5A
SUU120-306-1 +3.3V
1.5A
5%
+12V
0.8A
6A
5%
+5V
0A
0.8A
5%
120W
15A
SUU120-307
+5V
1.5A
5%
+10V
0.6A
6A
5%
-10V
0A
1.0A
5%
120W
15A
SUU120-307-1
+5V
1.5A
5%
+10V
0.6A
6A
5%
+10V
0A
1.0A
5%
120W
15A
SUU120-308
+3.3V
1.5A
5%
+5V
0.8A
6A
5%
-12V
0A
1.0A
5%
91.5W
15A
SUU120-308-1 +3.3V
1.5A
5%
+5V
0.8A
6A
5%
+12V
0A
1.0A
5%
15A
91.5W
120W U-bracket Switching Power Supplies For I.T.E.
0.25A
PIN CHART
Note:
Vo1:Output#1
Vo2:Output#2
Vo3:Output#3
SUU120-1XX-13PIN OUT OUT OUT OUT OUT OUT RTN RTN RTN RTN RTN RTN
PFD
SUU120-3XX-13PIN Vo2 Vo2
1
2
3
4
5
6
7
8
9 10 11 12
13
(Optional)
SUU120-2XX-13PIN
Vo1 Vo1 Vo1 Vo1
Vo1 Vo1 Vo1
COM
COM
PFD
PFD
COM
COM
COM
COM
Vo3
N/C
COM COM
COM COM
PIN
MODEL
SUU120-219-6PIN
Vo1 Vo1 COM COM COM Vo2
PFD
0.6A
Vo2 Vo2 Vo1


Similar Part No. - SUU120215

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SUU120 ASTRODYNE-SUU120 Datasheet
338Kb / 2P
   120W U-bracket Switching Power Supplies For I.T.E.
More results

Similar Description - SUU120215

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com