Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUU120110 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # SUU120110
Description  SUU120 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SUU120110 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  SUU120110 Datasheet HTML 1Page - MPS Industries, Inc. SUU120110 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description:
SUU120 SERIES
120W U-bracket Switching Power Supplies For I.T.E.
Electrical Characteristics:
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
Internal EMI filter
Single to Triple Output
Input connector mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal
Output connector mates with Molex housing 09-50-3061;
09-50-3131 and Molex 2878 series crimp terminal
Output Voltage Available From 3 VDC Thru 50 VDC
Input Surge Current, Over Voltage and Over Load protection
Power Factor Correction
Power Fail Detect(Optional)
Class I Insulation
Two Years Warranty
Features:
Safety Specifications:
Environmental :
Hr
Relative Humidity
5
95
%
Toper
Operating Temperature
Tstg
Storage Temperature
Pd
0
70
85
-40
Sym.
Parameter
Min. Typ. Max.
Unit
Parameter
Te s t Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Primary to ground
2121
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
VDC
B
CLASS
Sym.
Parameter
Test Conditions
Min. Typ. Max. Unit
0
Iil
1.7
Irh
Eff
REG-i
REG-o
OVP
OCP
Ttr
Thold
Ts
0.3
1
2
Vp-p
Ilk
Iih
1.0
I rl
0.5
1
Tc
-0.04
0.04
Vin=90 to 264 VAC
Io=Full load, Vin=115VAC
Vin=230VAC
W
V
A
A
A
A
A
All output
Input Voltage
Output Power Range
Efficiency
Line Regulation
Load Regulation
Over Voltage Protection
Transient Response
Hold-Up Time
Safety Ground Leakage Current
Temperature
Coefficient
%
%
S
%
%
%
mA
mS
63
264
90
47
See rating Chart
12
15
26
30
3
0.45
0.4
Low Line Inrush Current
VAC
Hz
5
Vin
Fin
Wo
Vo
Io
120
88
80
70
132
150
110
112
High Line Inrush Current
PFC
Input Frequency
Power Factor Correction
Output Voltage Range
Output Current Range
Input Current (Low Line)
Input Current (High Line)
Io=Full load, Vin=90~260VAC
0.95
0.97
1.0
Io=Full load, Vin=230VAC
Io=Full load, 25 C,Cool start,
Vin=115VAC
Io=Full load, 25 C,Cool start,
Vin=230VAC
Io=Full load, Vin=110VAC
Io=Full load
Over Current Protection
Io=Full load to Half Load, Vin=100VAC
Start Up Time
Io=Full load, Vin=100VAC
Ripple & Noise (Peak to Peak) Full load, Vin=90VAC
1
2
%
Io=Full load, Vin=240VAC
See rating Chart
mS
18
16
20
4
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-15
Derate linearly from 100% load at 50 C to 50% load at 70 C
%/ C
Te s t Conditions
C
C
Io=Full load, Vin=230VAC
Safety Approvals :
CB
BB aa
uuaarr
tt g
geepprruu
TTyy
P
P ee aapp rroo
vvee
p
p
Product Safety
Operating Voltage
The SUU120 series of compact, open frame constructed, AC/DC
switching mode power supplies provide 120 Watts of continuous
output power. They are ideally suited for use in CRT terminals, disc
drive systems, microprocess or based systems, portable equipments
and many other applications. All models meet FCC Part-15 class B
and CISPR-22 class B emission Limits and are designed to comply
with UL/c-UL(UL 60950) ,TUV/GS(EN 60950) and new CE
requirements. All units are 100% burned in and tested.


Similar Part No. - SUU120110

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SUU120 ASTRODYNE-SUU120 Datasheet
338Kb / 2P
   120W U-bracket Switching Power Supplies For I.T.E.
More results

Similar Description - SUU120110

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com