Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUU603031 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # SUU603031
Description  SUU60 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SUU603031 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  SUU603031 Datasheet HTML 1Page - MPS Industries, Inc. SUU603031 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vin
Input Voltage
Operating Voltage
90
264
VAC
Fin
Input Frequency
47
63
Hz
Wo
Output Power Range
Vin=90 to 264VAC
0
63
W
Vo
Output Voltage Range
See rating chart
V
Io
Output Current Range
See rating chart
A
Iil
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Iih
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Irl
Low Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=115VAC
12
15
A
Irh
High Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=230VAC
26
30
A
Eff
Efficiency
Io=Full Load, Vin=230VAC
70
80
88
%
REG-i
Line Regulation
Io=Full Load
0.5
1
%
REG-o
Load Regulation
Vin=230VAC
3
6
%
OVP
Over Voltage Protection
112
132
%
OCP
Over Current Protection
110
150
%
Ttr
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Thold
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Ts
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Vrn
Ripple & Noise (Pe ak to Peak)
Full Load, Vin=90VAC
1
2
%
Ilk
Safety Ground Leakage Curr ent
Io=Full Load, Vin=240VAC
0.4
0.45
mA
Tc
Temperature Coefficient
All output
-0.04
0.04
%/
°c
SUU60 SERIES
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
Internal EMI filter
Single to Quad Output
Input connector mates with Molex housing 09-50-3051 and
Molex 2878 series crimp terminal
Output connector mates with Molex housing 09-50-3061 (or
09-50-3081) and Molex 2878 series crimp terminal
Output Voltage Available From 3 VDC Thru 50 VDC
Input Surge Current, Over Voltage and Over Load protection
Class I Insulation
Two Years Warranty
Electrical Characteristics:
Environmental :
Description:
Features:
63W U-bracket Switching Power Supplies For I.T.E.
Safety Specifications:
Relative Humidity
5
95
%
Operating Temperature
Storage Temperature
0
70
85
-40
Toper
Hr
Tstg
Pd
Sym.
Parameter
Min. Typ. Max.
Unit
Derate linearly from 100% load at 40 C to 50% load at 70 C
Te s t Conditions
C
C
Parameter
Te s t Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Primary to ground
2121
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
VDC
B
CLASS
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-15
The SUU60 series of compact, open frame constructed, AC/DC
switching mode power supplies provide 63 Watts of continuous
output power .They are ideally suited for use in CRT terminals
,disc drive systems, microprocess or based systems, portable
equipments and many other applications. All models meet FCC
Part-15 class B and CISPR-22 class B emission Limits and are
designed to comply with UL/c-UL(UL 60950),ITS/GS(EN 60950)
and new CE requirements. All units are 100% burned in and
tested.
Safety Approvals :
CB
Bauart
gepruft
Testing &
Certification
ITS
S&E


Similar Part No. - SUU603031

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SUU61 ASTRODYNE-SUU61 Datasheet
550Kb / 2P
   63W U-bracket Switching Power Supplies For I.T.E.
logo
MPS Industries, Inc.
SUU61 MPSIND-SUU61 Datasheet
550Kb / 2P
   SUU61 SERIES
SUU61101 MPSIND-SUU61101 Datasheet
550Kb / 2P
   SUU61 SERIES
SUU61102 MPSIND-SUU61102 Datasheet
550Kb / 2P
   SUU61 SERIES
SUU61103 MPSIND-SUU61103 Datasheet
550Kb / 2P
   SUU61 SERIES
More results

Similar Description - SUU603031

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com