Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8900TLE-AAAH Datasheet(PDF) 3 Page - Texas Instruments

Part # LP8900TLE-AAAH
Description  LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-AAAH Datasheet(HTML) 3 Page - Texas Instruments

  LP8900TLE-AAAH Datasheet HTML 1Page - Texas Instruments LP8900TLE-AAAH Datasheet HTML 2Page - Texas Instruments LP8900TLE-AAAH Datasheet HTML 3Page - Texas Instruments LP8900TLE-AAAH Datasheet HTML 4Page - Texas Instruments LP8900TLE-AAAH Datasheet HTML 5Page - Texas Instruments LP8900TLE-AAAH Datasheet HTML 6Page - Texas Instruments LP8900TLE-AAAH Datasheet HTML 7Page - Texas Instruments LP8900TLE-AAAH Datasheet HTML 8Page - Texas Instruments LP8900TLE-AAAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LP8900
www.ti.com
SNVS542C – MAY 2008 – REVISED JULY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
VIN, VOUT Pins: Voltage to GND
-0.3 to 6.5V
VEN : Voltage to GND
-0.3 to (VIN + 0.3V) to 6.5V (max)
Junction Temperature
150°C
Lead/Pad Temp. (4)
DSBGA
260°C
Storage Temperature
-65 to 150°C
Continuous Power Dissipation (5)
Internally Limited
ESD (6)
Human Body Model
2KV
Machine Model
200V
(1)
All Voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and associated test
conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
For further information on these packages please refer to the following application notes, AN-1112 (SNVA009) DSBGA Wafer Level
Chip Scale Package.
(5)
Internal thermal shutdown circuitry protects the device from permanent damage.
(6)
The human body model is 100 pF discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.
OPERATING RATINGS
(1)
Input Voltage Range
1.8 to 5.5V
Recommended Load Current per channel
200mA
Junction Temperature
–40°C to 125°C
Ambient Temperature TA Range
(2)
–40°C to 85°C
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125°C), the
maximum power dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part /
package in the application (
θJA), as given by the following equation: TA(max) = TJ(max-op) - (θJA × PD(max)).
THERMAL PROPERTIES
(1)
Junction To Ambient Thermal Resistance(2)
θJA JEDEC Board
(3)
108°C/W
θJA 4 Layer Board
172°C/W
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power
dissipation is possible, special care must be paid to thermal dissipation issues in board design.
(3)
Full details can be found in JESD61-7
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP8900


Similar Part No. - LP8900TLE-AAAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8900TLE-AAAH/NOPB TI1-LP8900TLE-AAAH/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
More results

Similar Description - LP8900TLE-AAAH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
   Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
logo
Texas Instruments
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
LP8900 TI1-LP8900 Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
logo
Monolithic Power System...
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
   Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
[Old version datasheet]   ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
   20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com