Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU65403 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SPU65403
Description  SPU65 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SPU65403 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SPU65403 Datasheet HTML 1Page - MPS Industries, Inc. SPU65403 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPU65 SERIES
80W Desk Top Switching Power Supplies For I.T.E.
Output Voltage And Current Rating Chart (Single Output) :
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU65-101
03 ~ 05 VDC
16.6 ~ 10.0 A
7%
50W
SPU65-102
05 ~ 06 VDC
13.0 ~ 10.8 A
7%
65W
SPU65-103
06 ~ 08 VDC
11.6 ~ 8.70 A
5%
69.6W
SPU65-104
08 ~ 11 VDC
9.37 ~ 6.81 A
5%
75W
SPU65-105
11 ~ 13 VDC
7.27 ~ 6.15 A
5%
80W
SPU65-106
13 ~ 16 VDC
6.15 ~ 5.00 A
5%
80W
SPU65-107
16 ~ 21 VDC
5.00 ~ 3.80 A
5%
80W
SPU65-108
21 ~ 27 VDC
3.80 ~ 2.96 A
5%
80W
SPU65-109
27 ~ 33 VDC
2.96 ~ 2.42 A
5%
80W
SPU65-110
33 ~ 40 VDC
2.42 ~ 2.00 A
5%
80W
SPU65-111
40 ~ 48 VDC
2.00 ~ 1.66 A
5%
80W
Output Voltage And Current Rating Chart ( Multi Output ) :
Output #1
Output #2
Output #3
Output #4
Model
Number
Vonom
Iomin
Iomax Regmax
Vonom
Iomin
Iomax Regmax Vonom
Iomin
Iomax
Regmax Vonom
Iomin
Iomax Regmax
Maximum
Output
Powe
r
SPU65-200 +3.3V 0.7A
7A
7%
+12V
0.55A 2.75A
5%
56.1W
SPU65-201
+5V
0.7A
7A
5%
+12V
0.4A
3A
5%
65W
SPU65-202
+5V
1.4A
7A
5%
+15V
0.6A
3A
7%
65W
SPU65-203
+5V
1.4A
7A
5%
+24V
0.3A
2A
5%
65W
SPU65-204 +3.3V 1.4A
7A
7%
+5V
0.6A
3A
5%
38.1W
SPU65-215
+5V
1.4A
7A
5%
-24V
0.4A
2A
5%
65W
SPU65-300 +3.3V 1.4A
7A
7%
+12V
0.6A
3A
5%
-12V 0.1A
0.8A
5%
65W
SPU65-301
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
65W
SPU65-302
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
65W
SPU65-303
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
65W
SPU65-304
+5V
0.7A
7A
5%
+24V
0.2A
2A
5%
-24V
0A
0.8A
5%
65W
SPU65-305
+5V
0.6A
6A
5%
+24V
0.2A
2A
5%
-12V
0A
0.8A
5%
65W
SPU65-306 +3.3V 0.7A
7A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
63.1W
SPU65-403
+5V
0A
3.5A
5%
+24V
0.1A 1.5A
5%
+12V
0A
0.25A
5%
-12V
0A
0.15A
5%
65W
Note:
1. Dimensions are shown in mm.
2. Weight: 570-750gs approx.
3. Optional output connector:
See page Appendix.
Mechanical Specifications :
Mark "
" means " PSE approval "
Model -106 has PSE approval which is below 15V
ON/OFF SWITCH
(OPTIONAL)


Similar Part No. - SPU65403

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU65 ASTRODYNE-SPU65 Datasheet
661Kb / 4P
   65W Desktop Switching Power Supplies
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
Astrodyne Corporation
SPU65-101 ASTRODYNE-SPU65-101 Datasheet
661Kb / 4P
   65W Desktop Switching Power Supplies
logo
Tumbler Technologies + ...
SPU65-101 TRUMPOWER-SPU65-101 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
Volgen Kaga Electronics...
SPU65-101 VOLGEN-SPU65-101 Datasheet
291Kb / 2P
   80W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU65403

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com