Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRDC210R Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # SRDC210R
Description  SRDC200R SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SRDC210R Datasheet(HTML) 1 Page - MPS Industries, Inc.

  SRDC210R Datasheet HTML 1Page - MPS Industries, Inc. SRDC210R Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRDC200R SERIES
VDC
VDC
% Typ.
mA Typ.
SRDC201R
5
50
SRDC202R
12
54
SRDC203R
15
57
SRDC204R
±12
53
SRDC205R
±15
51
SRDC206R
5
50
SRDC207R
12
56
SRDC208R
15
62
SRDC209R
±12
59
SRDC210R
±15
59
SRDC211R
5
51
SRDC212R
12
61
SRDC213R
15
61
SRDC214R
±12
61
SRDC215R
±15
61
SRDC216R
5
50
SRDC217R
12
59
SRDC218R
15
59
SRDC219R
±12
51
SRDC220R
±15
51
Pin
Singles
Duals
1
+Vin
+Vin
2
NC
-Vout
3
NC
Common
10
-Vout
Common
11
+Vout
+Vout
12
-Vin
-Vin
13
-Vin
-Vin
14
+Vout
+Vout
15
-Vout
Common
22
NC
Common
23
NC
-Vout
24
+Vin
+Vin
12.1g (0.43Oz)
Tolerance
Millimeters
Inches
X.X±0.25
X.XX±0.01
X.XX±0.13
X.XXX±0.005
Pin
±0.05
±0.002
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
2W, Low Cost DIP, Single & Dual Output DC/DC Converters
31.8x20.3x10.2mm (1.25x0.80x0.40inch)
Case Material –
400
mA
MPS Industries SRDC200R Model
2W DC/DC's are specially designed
to provide 40mA output ripple,
continuous short circuit in a low-
profile 24-pin DIP package.
The series consists of 20 models
with input voltages of 5V, 12V, 24V
and 48VDC which offers regulated
output voltages of 5V, 12V, 15V,
±12V and ±15VDC.
The -25°C to +71°C operating
temperature range makes it ideal
for data communication equipment,
mobile battery driven equipment,
distributed power systems,
telecommunication equipment,
mixed analog/digital subsystems,
automatic test instrumentation, and
industrial robot systems.
Case Size –
Pin Connections
±83
133
±66
Tel: (310) 533-1455
Fax: (310) 533-1853
Non-Conductive Black Plastic
Mechanical Dimensions
Weight –
±83
±66
400
165
5
(4.5 – 5.5)
400
165
165
165
133
±83
±66
133
400
Selection Guide
Model
Number
Input
Voltage
Output
Voltage
Efficiency
Reflected
Ripple Current
Output
Current
80
30
15
10
NC: No Connection
Key Features
• Low Cost
• 500VDC Isolation
• MTBF > 800,000 Hours
• 40mV P-P Ripple and Noise
• Input 5, 12, 24 and 48VDC
• Output 5, 12, 15,
±12 and ±15VDC
• Temperature Performance
-25°C to +71°C
• Short Circuit Protection
• UL 94V-0 Package Material
• Internal SMD Construction
12
(10.8 – 13.2)
24
(21.6 – 26.4)
48
(43.2 – 52.8)
133
±83
±66
31.8 [1.25]
2.0 [0.08]
Bottom
Side
1 23
11
10
12
15 14 13
23
24
22
0.50 [0.020]
2.54 [0.100]


Similar Part No. - SRDC210R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDC-16D120 BEL-SRDC-16D120 Datasheet
200Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
SRDC-16D12D BEL-SRDC-16D12D Datasheet
200Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
SRDC-16D12S BEL-SRDC-16D12S Datasheet
200Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
SRDC-16D180 BEL-SRDC-16D180 Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D18D BEL-SRDC-16D18D Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
More results

Similar Description - SRDC210R

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com