Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB04U12S05 Datasheet(PDF) 3 Page - C&D Technologies

Part # HB04U12S05
Description  4.0 WATT UNREGULATED HIGH ISOLATION DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HB04U12S05 Datasheet(HTML) 3 Page - C&D Technologies

  HB04U12S05 Datasheet HTML 1Page - C&D Technologies HB04U12S05 Datasheet HTML 2Page - C&D Technologies HB04U12S05 Datasheet HTML 3Page - C&D Technologies HB04U12S05 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
HB04U REV C 11/99
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any
of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems
or in aircraft control applications.
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
EFFICIENCY VS LOAD
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
25
50
75
100
0
IOUT (%)
100
80
60
40
20
0
22.5
21.0
19.5
18.0
16.5
15.0
22.5
21.0
19.5
18.0
16.5
15.0
16
15
14
13
12
11
16
15
14
13
12
11
7.5
7.0
6.5
6.0
5.5
5.0
7.5
7.0
6.5
6.0
5.5
5.0
TYPICAL PERFORMANCE CURVES
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.....................................................................1W
Short Circuit Duration................................................................Momentary
Lead Temperature (soldering, 10 seconds max)..............................+300°C
ORDERING INFORMATION
Device Family
HB04U Indicates DC/DC Converter
Model Number
Where:
xx = Input Voltage
y = Number or Outputs (Single "S", Dual "D")
zz = Output Voltage
Package Option
HB04U xxyzz Q


Similar Part No. - HB04U12S05

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HB04U12S05Q MURATA-PS-HB04U12S05Q Datasheet
121Kb / 4P
   4.0W Unregulated High Isolation DC/DC Converter
HB04U12S05QC MURATA-PS-HB04U12S05QC Datasheet
127Kb / 4P
   4.0W Unregulated High Isolation DC/DC Converter
HB04U12S05QC MURATA-PS-HB04U12S05QC Datasheet
230Kb / 4P
   4.0W Unregulated High Isolation DC/DC Converter
2018
More results

Similar Description - HB04U12S05

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HB04U MURATA-PS-HB04U Datasheet
121Kb / 4P
   4.0W Unregulated High Isolation DC/DC Converter
HB04UC MURATA-PS-HB04UC Datasheet
127Kb / 4P
   4.0W Unregulated High Isolation DC/DC Converter
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
   2 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com