Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6062AIM-NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMC6062AIM-NOPB
Description  LMC6062 Precision CMOS Dual Micropower Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6062AIM-NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC6062AIM-NOPB Datasheet HTML 2Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 3Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 4Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 5Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 6Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 7Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 8Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 9Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LMC6062
SNOS631D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VS = ±7.5V, TA = 25°C, Unless otherwise specified
Common Mode Rejection Ratio
Power Supply Rejection Ratio
vs.
vs.
Frequency
Frequency
Figure 8.
Figure 9.
Input Voltage Noise
vs.
Frequency
Output Characteristics Sourcing Current
Figure 10.
Figure 11.
Gain and Phase Response
vs.
Temperature
Output Characteristics Sinking Current
(
−55°C to +125°C)
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6062


Similar Part No. - LMC6062AIM-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062AIM-NOPB TI1-LMC6062AIM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6062AIM-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com