Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP20B Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PP20B
Description  PLANAR TRANSFORMERS HIGH FREQUENCY 75 WATT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PP20B Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PP20B Datasheet HTML 1Page - MPS Industries, Inc. PP20B Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PP20B SERIES
• Power Rating Up to 75 Watts
• HighEfficiencyofOver98%
• Footprint20.30mmX18.50mm
• LowerProfileof6.6mm
• High Isolation (operational) 1500 Vdc
• HighFrequency200KHz–700kHz
• OperatingTemperature-40ºCto+125ºC
• CustomDesignAvailable
ELECTRICAL PARAMETERS @25°C
Part Number
PP20B-
Primary
Inductance
(μH MIN)
Leakage
Inductance
(μH MAX)
DC Resistance
(mΩ MAX)
Turns Ratio
Isolation
(V
DC)
Figure
Primary
Secondary
Primary
Secondary
A
Aux
0601
50
0.30
20
100
1.5 & 1.5
6T
1T // 1T
1500
A
0602
50
0.30
20
100
3.00
6T
1T+1T
1500
A
0603
50
0.30
20
100
4.50
6T
3T
1500
B
0606
50
0.30
40
200
8.50
6T
6T
1500
C
0608
50
0.25
40
200
15.0
6T
8T
1500
C
0610
50
0.25
40
200
23.0
6T
10T
1500
C
1201
200
0.90
70
180
1.5 & 1.5
12T
1T // 1T
1500
A
1202
200
0.90
70
180
3.00
12T
1T+1T
1500
A
1203
200
0.90
70
180
4.50
12T
3T
1500
B
1206
200
0.70
140
360
8.50
12T
6T
1500
C
1208
200
0.70
140
360
15.0
12T
8T
1500
C
1210
200
0.70
140
360
23.0
12T
10T
1500
C
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
PLANARTRANSFORMERS
HIGHFREQUENCY75WATT
APPLICATION OF CONFIGURATION
APPLICATION OF CONFIGURATION
Part Number
PP20B-
V
in
V
out / Iout
Part Number
PP20B-
V
in
V
out / Iout
0601
18–36Vdc
1.2V@41.6A--1.8V@37.5A
1201
36–75Vdc
1.2V@41.6A--1.8V@37.5A
0602
18–36Vdc
2.5V@25.5A--3.3V@22.7A
1202
36–75Vdc
2.5V@25.5A--3.3V@22.7A
0603
18–36Vdc
5.0V@15A
1203
36–75Vdc
5.0V@15A
0606
18–36Vdc
8.0V@9.37A--10V@7.50A
1206
36–75Vdc
8.0V@9.37A--10V@7.50A
0608
18–36Vdc
12V@6.25A--15V@5.00A
1208
36–75Vdc
12V@6.25A--15V@5.00A
0610
18–36Vdc
16V@4.68A--18V@4.16A
1210
36–75Vdc
16V@4.68A--18V@4.16A
NOTES:
1.TheinductanceismeasuredinwindingsPin(2-5)at100KHz100mVrms.
2.TheleakageinductanceismeasuredinwindingPin(2-5)withallotherwindingsshorted.


Similar Part No. - PP20B

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PP20 EDI-PP20 Datasheet
87Kb / 2P
   SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
logo
Powerex Power Semicondu...
PP200B060 POWEREX-PP200B060 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 600V H-Bridge IGBT Assembly
PP200B120 POWEREX-PP200B120 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 1200V H-Bridge IGBT Assembly
PP200B120-ND POWEREX-PP200B120-ND Datasheet
581Kb / 5P
   H-Bridge POW-R-PAK??IGBT Assembly 200 Amperes/1200 Volts
PP200T060 POWEREX-PP200T060 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 600V 3 phase IGBT Assembly
More results

Similar Description - PP20B

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PP25F MPSIND-PP25F Datasheet
637Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 140 WATT
PP18D MPSIND-PP18D Datasheet
600Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 30 WATT
PP20A MPSIND-PP20A Datasheet
622Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 100 WATT
PP14D MPSIND-PP14D Datasheet
557Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 15 WATT
PP25D MPSIND-PP25D Datasheet
720Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 150 WATT
logo
Pulse A Technitrol Comp...
PA0931NL PULSE-PA0931NL Datasheet
116Kb / 4P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
   High Frequency Planar Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com