Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNX301 Datasheet(PDF) 3 Page - C&D Technologies

Part # DNX301
Description  300 WATT DC/DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

DNX301 Datasheet(HTML) 3 Page - C&D Technologies

  DNX301 Datasheet HTML 1Page - C&D Technologies DNX301 Datasheet HTML 2Page - C&D Technologies DNX301 Datasheet HTML 3Page - C&D Technologies DNX301 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DNX301 4/2002 REV B
Page 3
Output Voltages and Maximum Rated Loads
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
MODEL NUMBER
VOUT
IMAX
VNOM
IMAX/IPK
VNOM IMAX/IPK
VNOM
IMAX
DNX301-U3A
±5V
45A
± 12V
8A/10A
± 12V
8A/10A
-
-
DNX301-U3B
±5V
45A
± 15V
8A/10A
± 15V
8A/10A
-
-
DNX301-U4C
±5V
45A
± 12V
8A/10A
± 12V
8A/10A
± 5V
3.0A
DNX301-U4D
±5V
45A
± 12V
8A/10A
± 12V
8A/10A
± 24V
1.5A
DNX301-U4E
±5V
45A
± 12V
8A/10A
± 12V
8A/10A
± 12V
3.0A
DNX301-U4F
±5V
45A
± 15V
8A/10A
± 15V
8A/10A
± 5V
3.0A
DNX301-U4G
±5V
45A
± 15V
8A/10A
± 15V
8A/10A
± 24V
1.5A
DNX301-U4H
±5V
45A
± 15V
8A/10A
± 15V
8A/10A
± 12V
3.0A
Note: Maximum current ratings are for 10sec maximum.Total power not to exceed 300 watts.
Output Specifications
Parameter
Limits
Regulation
Line
± 0.03%
Load
±0.25%
Cross
±0.05%
Minimum Load
Output #1
3.0A
Auxiliary Outputs
0.1A
Parameter
Conditions
Min
Typ
Max
Units
Voltage Adustment Range
±5
%
PARD
20 MHz bandwidth
1
% P-P
Temperature
Operating
050
°C
Storage
-20
+85
°C
Temperature Coefficient (TC)
After half hour warm-up
± 0.02
%/°C


Similar Part No. - DNX301

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DNX301 CANDD-DNX301 Datasheet
130Kb / 4P
   DC/DC Power Supply
DNX301-U3A CANDD-DNX301-U3A Datasheet
130Kb / 4P
   DC/DC Power Supply
DNX301-U3B CANDD-DNX301-U3B Datasheet
130Kb / 4P
   DC/DC Power Supply
DNX301-U4C CANDD-DNX301-U4C Datasheet
130Kb / 4P
   DC/DC Power Supply
DNX301-U4D CANDD-DNX301-U4D Datasheet
130Kb / 4P
   DC/DC Power Supply
More results

Similar Description - DNX301

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NX301 CANDD-NX301 Datasheet
64Kb / 4P
   300 WATT AC/DC POWER SUPPLY
logo
CINCON ELECTRONICS Corp...
CFM300S CINCON-CFM300S Datasheet
713Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
logo
TRACO Electronic AG
TPI300-M TRACOPOWER-TPI300-M Datasheet
1Mb / 6P
   AC/DC Power Supply TPI 300-M Series, 300 Watt
Rev. March 16, 2023
TPP300-M TRACOPOWER-TPP300-M Datasheet
1Mb / 6P
   AC/DC Medical Power Supply TPP 300-M Series, 300 Watt
Rev. March 16, 2023
logo
Wall Industries,Inc.
PSRL0601D WALL-PSRL0601D Datasheet
366Kb / 5P
   300 Watt Dual Output AC/DC Switching Power Supply
logo
C&D Technologies
DNX350 CANDD-DNX350 Datasheet
448Kb / 4P
   350 WATT DC/DC POWER SUPPLY
NX350 CANDD-NX350 Datasheet
162Kb / 4P
   350 WATT DC/DC POWER SUPPLY
logo
TRACO Electronic AG
TPI300L-M TRACOPOWER-TPI300L-M Datasheet
1Mb / 6P
   AC/DC Power Supply TPI 300L-M Series, 300 Watt
Rev. March 16, 2023
logo
ETA-USA
ODM10-05SSC24 ETA-USA-ODM10-05SSC24 Datasheet
1Mb / 3P
   10 Watt MEDICAL DC/DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com