Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316DWDMX32 Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # EM316DWDMX32
Description  Passive DWDM Components
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316DWDMX32 Datasheet(HTML) 1 Page - MRV Communications, Inc.

  EM316DWDMX32 Datasheet HTML 1Page - MRV Communications, Inc. EM316DWDMX32 Datasheet HTML 2Page - MRV Communications, Inc. EM316DWDMX32 Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Datasheet
Optical Communications Systems™
Passive DWDM Components
Overview
The Fiber Driver DWDM Passive MUX/DeMUX and OADM modules deliver the benefits of a Dense Wave Division Multiplexer in a fully
passive solution. With matching MUX/DeMUX units placed at each end of an optical link, up to 32 data channels can be combined
and transmitted over a single-mode fiber trunk. The passive OADM modules can add or drop up to 8 data channels at any point
along the trunk.
Because they operate independent of protocol and topology, these passive components remain transparent to both the network
and the end user. With plug-n-play setup and a design that minimizes budget loss, they can readily and seamlessly integrate into an
existing environment. Their small form factor and no power requirement means they can be placed virtually anywhere.
Contact your MRV Communications representative for additional information on Fiber Driver or any MRV product, including pricing
and availability.
EM316DWMUX32
EM316DWMUX16
Physical Specifications
Operating Temperature
-5°C to 50°C (23°F to 122°F)
Storage Temperature
-55°C to 85°C (-67°F to 185°F)
Relative Humidity
85% maximum, non-condensing
Storage Humidity
5% to 95%, non-condensing
Physical Dimensions:
One-Slot Module
25 mm x 90 mm x 170 mm deep (1” x 3.56” x 6.67” deep)
Two-Slot Module
50 mm x 90 mm x 170 mm deep (2” x 3.56” x 6.67” deep)
Approximate Weight:
One-Slot Module
0.8 kg (1.8 lb)
Two-Slot Module
1.4 kg (3.1 lb)
Regulatory Compliance
FCC Part 15 (Class A); IC (Class A); EMC Directive: Emission (Class A) and Immunity;
RoHS Directive; China RoHS; WEEE Directive
* If operated in a non-powered chassis, temp range is -5º C to 70º C (23º F to 158º F)
Highlights
Passive MUX/DeMUX - 8, 16, or 32 channels
Passive Optical Add/Drop (OADM) - 1, 2, 4 or 8 channels
DWDM C-Band, 100GHz ITU Grid (0.8nm spacing)
Transparent operation - protocol and topology independent
Secure physical separation between data channels
Low insertion loss
Power required only for managed applications and LEDs
High port density
1


Similar Part No. - EM316DWDMX32

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316DCM060 MRV-EM316DCM060 Datasheet
300Kb / 2P
   Chromatic Dispersion Compensation Modules
EM316DCM100 MRV-EM316DCM100 Datasheet
300Kb / 2P
   Chromatic Dispersion Compensation Modules
EM316DMR10G-3R MRV-EM316DMR10G-3R Datasheet
792Kb / 3P
   SFP Multi-Rate Dual Transponder
EM316DMR3G-3R MRV-EM316DMR3G-3R Datasheet
325Kb / 4P
   SFP Multi-Rate Dual Transponder
EM316DS3-M MRV-EM316DS3-M Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
More results

Similar Description - EM316DWDMX32

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RP164PJ122CS SAMSUNG-RP164PJ122CS Datasheet
4Mb / 20P
   Passive components sales offices
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
OTS-1LD EMCORE-OTS-1LD Datasheet
1,023Kb / 4P
   DWDM Wideband Optical Link
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com