Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC316144RPSDC Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # NC316144RPSDC
Description  Optical Cross Connect
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

NC316144RPSDC Datasheet(HTML) 3 Page - MRV Communications, Inc.

  NC316144RPSDC Datasheet HTML 1Page - MRV Communications, Inc. NC316144RPSDC Datasheet HTML 2Page - MRV Communications, Inc. NC316144RPSDC Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MRV-MCC-OCC96-070912
Copyright ©2012 MRV Communications, Inc. All Rights Reserved.
3020200-001 Rev. A1
Datasheet
Datasheet
MRV-MCC-OCC96-121012
Copyright ©2012 MRV Communications, Inc. All Rights Reserved.
3020200-001 Rev. A2
MRV operates worldwide sales and service offices across four continents.
Contact us at info@mrv.com
MRV Communications
Corporate Headquarters
300 Apollo Drive
Chelmsford, MA 01824
http://www.mrv.com
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Physical Specifications
Operating Temperature
+10°C to 40°C (32°F to 122°F)
Operating Relative Humidity
< 85% (non-condensing)
Storage Temperature
-40°C to 70°C (-40°F to 158°F)
Storage Relative Humidity
< 40% (non-condensing)
Cooling Air
25 mm (1”) clearance from external chassis vents
Weight
Including one AC power supply 26.8 kg (59 lbs)
Including one DC power supply 26.1 kg (57.5 lbs)
Dimensions
438 mm (W) x 559 mm (D) x 221 mm (H) (17.25” x 22” x 8.7”) [5U]
Total Power
55 W
Regulatory Compliances
FCC Part 15, Class A; IC, Class A; EMC Directive: Emission (Class A) and Immunity;
LVD Directive: Electrical Safety; CE Marking; TUV CUE Mark (Canada, USA, EU);
RoHS 5/6 Compliant; WEEE Directive: Wheelie Bin Mark; RoHS 2 Directive, China RoHS;
REACH Directive SVHC
Ordering Information
OCC0096ALUSN00A
96 x 96 port Optical Cross Connect with LC connectors, single AC power supply and
network management module
OCC0096ALUSN00D
96 x 96 port Optical Cross Connect with LC connectors, single DC power supply and
network management module
NC316-144RPSAC*
Redundant AC Power Supply
NC316-144RPSDC*
Redundant DC Power Supply
* Cannot mix AC and DC power supply in one chassis.


Similar Part No. - NC316144RPSDC

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
NC316-144 MRV-NC316-144 Datasheet
962Kb / 4P
   Media Cross Connect??(MCC) Product Family
NC316-16BRACKET MRV-NC316-16BRACKET Datasheet
80Kb / 4P
   Fiber Driver짰 Chassis
NC316-16DOOR MRV-NC316-16DOOR Datasheet
80Kb / 4P
   Fiber Driver짰 Chassis
NC316-16RPSAC MRV-NC316-16RPSAC Datasheet
80Kb / 4P
   Fiber Driver짰 Chassis
NC316-16RPSDC MRV-NC316-16RPSDC Datasheet
80Kb / 4P
   Fiber Driver짰 Chassis
More results

Similar Description - NC316144RPSDC

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
OCC-A-320-N MRV-OCC-A-320-N Datasheet
77Kb / 3P
   OCC - Optical Cross Connect
EMPMC-36FC8G MRV-EMPMC-36FC8G Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-36RJ-C MRV-EMPMC-36RJ-C Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-36SFP MRV-EMPMC-36SFP Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-9XFP MRV-EMPMC-9XFP Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-36SAS MRV-EMPMC-36SAS Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-36SFP3RMR MRV-EMPMC-36SFP3RMR Datasheet
677Kb / 3P
   Media Cross Connect Blades
EMPMC-3610GMR MRV-EMPMC-3610GMR Datasheet
677Kb / 3P
   Media Cross Connect Blades
logo
List of Unclassifed Man...
A0266828 ETC2-A0266828 Datasheet
291Kb / 6P
   BIX Cross-Connect System
logo
MRV Communications, Inc...
EMPMC-36IC MRV-EMPMC-36IC Datasheet
677Kb / 3P
   Media Cross Connect Blades
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com