Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316WP Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # EM316WP
Description  Passive CWDM MUX/DeMUX Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316WP Datasheet(HTML) 3 Page - MRV Communications, Inc.

  EM316WP Datasheet HTML 1Page - MRV Communications, Inc. EM316WP Datasheet HTML 2Page - MRV Communications, Inc. EM316WP Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Datasheet
Optical Communications Systems™
MRV-FD-PWDM-102510
Copyright ©2010 MRV Communications, Inc. All Rights Reserved.
3020035-001 Rev. A2
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at info@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff Street
300 Apollo Drive
Business Park Moerfelden
Chatsworth, CA 91311
Chelmsford, MA 01824
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-674-6800
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
PASSIVE CWDM MUX/DMUX MODULES
Ordering Information
Model
Description
Connectors
Wavelength (nm)*
Budget Loss
per Pair (dB)
Port
Trunk
OSC
Port / Link
OSC
EM316PAMULC41
CWDM 4-wavelength passive MUX/DeMUX,
single-mode
DMU
(x4)
DLC
N/A
1470 to 1530
N/A
2.9
EM316PAMULC41N
CWDM 4-wavelength passive MUX/DeMUX
with service channel, single-mode
DMU
(x4)
DLC
DMU
1470 to 1530
1310
3.9
EM316PAMULC42
CWDM 4-wavelength passive MUX/DeMUX,
single-mode
DMU
(x4)
DLC
N/A
1550 to 1610
N/A
2.9
EM316PAMULC42N
CWDM 4-wavelength passive MUX/DeMUX
with service channel, single-mode
DMU
(x4)
DLC
DMU
1550 to 1610
1310
3.9
EM316PAMULC43
CWDM 4-wavelength passive MUX/DeMUX,
single-mode
DMU
(x4)
DLC
N/A
1530 to 1590
N/A
2.9
EM316PAMUSCM41
CWDM 4-wavelength passive MUX,
single-mode
DMU
(x2)
SC
N/A
1470 to 1530
N/A
2.9
EM316PAMUSCD41
CWDM 4-wavelength passive DeMUX,
single-mode
DMU
(x2)
SC
N/A
1470 to 1530
N/A
2.9
EM316PAMUSCM42
CWDM 4-wavelength passive MUX,
single-mode
DMU
(x2)
SC
N/A
1550 to 1610
N/A
2.9
EM316PAMUSCD42
CWDM 4-wavelength passive DeMUX,
single-mode
DMU
(x2)
SC
N/A
1550 to 1610
N/A
2.9
EM316MUX41N315B
CWDM 4-wavelength passive MUX/DeMUX
with service channel, single-mode, single fiber
DMU
(x2)
MU
DMU
1470 to 1530
1310 / 1350
3.3
EM316DMX41N315B
CWDM 4-wavelength passive MUX/DeMUX
with service channel, single-mode, single fiber
DMU
(x2)
MU
DMU
1470 to 1530
1310 / 1350
3.3
EM316MUX42N315B
CWDM 4-wavelength passive MUX/DeMUX
with service channel, single-mode, single fiber
DMU
(x2)
MU
DMU
1550 to 1610
1310 / 1350
3.3
EM316DMX42N315B
CWDM 4-wavelength passive MUX/DeMUX
with service channel, single-mode, single fiber
DMU
(x2)
MU
DMU
1550 to 1610
1310 / 1350
3.3
EM316PAMULC8
CWDM 8-wavelength passive MUX/DeMUX,
single-mode
MU
(x16)
DLC
N/A
1470 to 1610
N/A
4.3
EM316PAMULC8N
CWDM 8-wavelength passive MUX/DeMUX
with service channel, single-mode
MU
(x16)
DLC
DMU
1470 to 1610
1310
4.6
EM316PAMUSCM8
CWDM 8-wavelength passive MUX, single-mode
MU
(x8)
SC
N/A
1470 to 1610
N/A
4.3
EM316PAMUSCD8
CWDM 8-wavelength passive MUX, single-mode
MU
(x8)
SC
N/A
1470 to 1610
N/A
4.3
EM316MUX8N315BD
CWDM 8-wavelength passive MUX with service
channel, single-mode, single fiber
MU
(x8)
MU
DMU
1470 to 1530
1310 / 1350
3.6
EM316DMX8N315BD
CWDM 8-wavelength passive MUX with service
channel, single-mode, single fiber
MU
(x8)
MU
DMU
1470 to 1530
1310 / 1350
3.6
EM316MUXMUSC16
CWDM 16-wavelength passive MUX, single fiber
low water peak, single fiber
MU
(x16)
SC
N/A
1310 to 1610
N/A
5.4
EM316DMUXMUSC16
CWDM 16-wavelength passive MUX, single fiber
low water peak, single fiber
MU
(x16)
SC
N/A
1310 to 1610
N/A
5.4


Similar Part No. - EM316WP

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316WDS3-S3 MRV-EM316WDS3-S3 Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
EM316WDS3C-S2 MRV-EM316WDS3C-S2 Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
EM316WDS3C-S2 MRV-EM316WDS3C-S2 Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
EM316WDS3C-S3 MRV-EM316WDS3C-S3 Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
EM316WDS3T-S2 MRV-EM316WDS3T-S2 Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
More results

Similar Description - EM316WP

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
   CWDM MUX/DEMUX-8 Optibox??Module
logo
JDS Uniphase Corporatio...
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
logo
Finisar Corporation.
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
   CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
   CWDM MUX/DEMUX-4-2 Optibox Module
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
   CWDM MUX/DEMUX-4-EX Plug-in Module
logo
JDS Uniphase Corporatio...
FWM-T40D7F09 JDSU-FWM-T40D7F09 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
logo
Finisar Corporation.
FWSF-M FINISAR-FWSF-M Datasheet
236Kb / 2P
   CWDM MUX/DEMUX-8 w/TAP Plug-in Module
logo
M/A-COM Technology Solu...
M20001-BRF-001-A MA-COM-M20001-BRF-001-A Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com